Electronic Components Datasheet Search
  English  ▼

X  

B9433 Datasheet(PDF) 3 Page - EPCOS

Part # B9433
Description  SAW Rx filter WCDMA band I
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9433 Datasheet(HTML) 3 Page - EPCOS

  B9433 Datasheet HTML 1Page - EPCOS B9433 Datasheet HTML 2Page - EPCOS B9433 Datasheet HTML 3Page - EPCOS B9433 Datasheet HTML 4Page - EPCOS B9433 Datasheet HTML 5Page - EPCOS B9433 Datasheet HTML 6Page - EPCOS B9433 Datasheet HTML 7Page - EPCOS B9433 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 26, 2007
B9433
2140.0 MHz
SAW Components
SAW Rx filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Ω , 4.0 nH in parallel
Terminating load impedance:
ZL =
50
Ω , 1.3 nH in serial
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2140.0
—
MHz
Maximum insertion attenuation
α
max
2110.0
... 2170.0
MHz
—
2.0
2.3 1)
1) including a pcb loss of 0.2dB
dB
Amplitude ripple (p-p)
∆α
2110.0
... 2170.0
MHz
—
0.6
1.0
dB
Input VSWR
2110.0
... 2170.0
MHz
—
1.5
1.9
Output VSWR
2110.0
... 2170.0
MHz
—
1.5
1.9
EVM
2110.0
... 2170.0
MHz
—
1.0
—
%
Attenuation
α
100.0
...
925.0
MHz
46
49
—
dB
925.0
... 1300.0
MHz
40
44
—
dB
1300.0
... 1800.0
MHz
38
43
—
dB
1800.0
... 1920.0
MHz
38
43
—
dB
1920.0
... 1980.0
MHz
43
49
—
dB
1980.0
... 2025.0
MHz
30
45
—
dB
2025.0
... 2050.0
MHz
17
24
—
dB
2050.0
... 2075.0
MHz
5
9
—
dB
2210.0
... 2255.0
MHz
12
32
—
dB
2255.0
... 2300.0
MHz
20
33
—
dB
2300.0
... 2400.0
MHz
31
38
—
dB
2400.0
... 2500.0
MHz
35
41
—
dB
2500.0
... 2800.0
MHz
37
47
—
dB
2800.0
... 3200.0
MHz
35
39
—
dB
3200.0
... 6000.0
MHz
40
54
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com