Electronic Components Datasheet Search
  English  ▼

X  

TS615 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS615_04 Datasheet HTML 20Page - STMicroelectronics TS615_04 Datasheet HTML 21Page - STMicroelectronics TS615_04 Datasheet HTML 22Page - STMicroelectronics TS615_04 Datasheet HTML 23Page - STMicroelectronics TS615_04 Datasheet HTML 24Page - STMicroelectronics TS615_04 Datasheet HTML 25Page - STMicroelectronics TS615_04 Datasheet HTML 26Page - STMicroelectronics TS615_04 Datasheet HTML 27Page - STMicroelectronics TS615_04 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
TS615
Noise Measurements
24/36
On a 1Hz bandwidth the thermal noise is reduced to
where k is Boltzmann's constant, equals to 1374 x 10-23J/°K. T is the temperature (°K).
The output noise eNo is calculated using the Superposition Theorem. However eNo is not the sum of all
noise sources, but rather the square root of the sum of the square of each noise source, as shown in
Equation 1.
Equation 1
Equation 2
The input noise of the instrumentation must be extracted from the measured noise value. The real output
noise value of the driver is:
Equation 3
The input noise is called the Equivalent Input Noise as it is not directly measured but is evaluated from the
measurement of the output divided by the closed loop gain (eNo/g).
After simplification of the fourth and the fifth term of Equation 2 we obtain:
Equation 4
7.1 Measurement of eN
If we assume a short-circuit on the non-inverting input (R3=0), Equation 4 becomes:
Equation 5
In order to easily extract the value of eN, the resistance R2 will be chosen as low as possible. On the
other hand, the gain must be large enough:
l R1=10
Ω, R2=910Ω, R3=0, Gain=92
l Equivalent Input Noise: 2.57nV/
√Hz
l Input Voltage Noise: eN=2.5nV/
√Hz
4kTR
eNo
V1
2
V2
2
V3
2
V4
2
V5
2
V6
2
++
++
+
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
=
…
R2
R1
--------


2
4kTR1
4kTR2
1
R2
R1
--------
+


2
4kTR3
×
++
×
+
eNo
Measured
()
2
instrumentation
()
2
–
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
… g4kTR2
1
R2
R1
--------
+


2
4kTR 3
×
+
×
+
=
eNo
eN
2
g
2
iNn
2
R2
2
g4kTR2
×
+
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com