Electronic Components Datasheet Search
  English  ▼

X  

TDA8433 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8433
Description  Deflection processor for computer controlled TV receivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8433 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8433 Datasheet HTML 1Page - NXP Semiconductors TDA8433 Datasheet HTML 2Page - NXP Semiconductors TDA8433 Datasheet HTML 3Page - NXP Semiconductors TDA8433 Datasheet HTML 4Page - NXP Semiconductors TDA8433 Datasheet HTML 5Page - NXP Semiconductors TDA8433 Datasheet HTML 6Page - NXP Semiconductors TDA8433 Datasheet HTML 7Page - NXP Semiconductors TDA8433 Datasheet HTML 8Page - NXP Semiconductors TDA8433 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
August 1991
2
Philips Semiconductors
Product specification
Deflection processor for computer
controlled TV receivers
TDA8433
FEATURES
• I2C-bus interface
• Input for vertical sync
• Sawtooth generator with amplitude
independent of frequency
• Vertical deflection output stage
driver
• East-west raster correction drive
output
• EHT modulation input
• Changes picture width and height
without affecting geometry.
GENERAL DESCRIPTION
The TDA8433 is an I2C-bus
controlled deflection processor which,
together with a sync processor (e.g.
TDA2579A, see Fig.6), contains the
control and drive functions of the
deflection part in a computer
controlled TV receiver. The TDA8433
replaces all picture geometry settings
which were previously set manually
during manufacture.
QUICK REFERENCE DATA
Note to quick reference data
1. VRin = 0; V-S-corr = 0; Vshift = 20 H; Vampl = 20 H.
ORDERING INFORMATION
Note
1. SOT101-1; 1996 December 2.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage (pin 12)
10.8
12.0
13.2
V
ICC
supply current (pin 12)
12
20
27
mA
V2
vertical sync trigger level
−
3
−
V
V21
vertical feedback (note 1)
DC level
−1.7
1.85
2.05
V
AC level
1.65
1.8
1.95
VP
V24
EHT compensation operating range
1.7
−
6V
V11-13
inputs for control register data:
not locked to video
−
0.7
1
V
at 50 Hz status
0.8 VCC
−−
V
at 60 Hz status
−−
0.7 VCC
V
V10-13
HCENT comparator switching level
−
V17
−
V
V14-13
SDA I2C-bus switching level data input
−
3.5
−
V
V15
SCL I2C-bus switching level clock input
−
3.5
−
V
V1
device selection where:
Ao = '1'
9.0
−
VCC
V
Ao = '0'
0
−
2.0
V
EXTENDED TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA8433
24
DIL
plastic
SOT101(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com