Electronic Components Datasheet Search
  English  ▼

X  

TDA8505 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8505
Description  SECAM encoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8505 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8505 Datasheet HTML 14Page - NXP Semiconductors TDA8505 Datasheet HTML 15Page - NXP Semiconductors TDA8505 Datasheet HTML 16Page - NXP Semiconductors TDA8505 Datasheet HTML 17Page - NXP Semiconductors TDA8505 Datasheet HTML 18Page - NXP Semiconductors TDA8505 Datasheet HTML 19Page - NXP Semiconductors TDA8505 Datasheet HTML 20Page - NXP Semiconductors TDA8505 Datasheet HTML 21Page - NXP Semiconductors TDA8505 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
July 1994
18
Philips Semiconductors
Preliminary specification
SECAM encoder
TDA8505
Notes
1. The threshold level of pin 2 is 700
± 20 mV. The specification of the HIGH and LOW levels is in accordance with the
scart fast blanking.
2. The black level of input signal must be 2 V; amplitude 1 V (peak-to-peak value) nominal (Y = 700 mV,
SYNC = 300 mV).
3. The tolerances of fOR and fOB are with the printed-circuit board <±5 kHz. This value can be influenced by the print
layout.
4. The oscillator operates in series-resonance. The resonance resistance of the crystal must be
<60 Ω and parallel
capacitance of the crystal
<10 pF.
INTERNAL CIRCUITRY
Vext (pin 19)
Iext
external supply current
−−
1.5
mA
SAND output (pin 20; Vext = 13.2 V); see Fig.8
Isink(max)
maximum sink current
100
−−µA
Isource(max)
maximum source current
100
−−µA
VTL
top voltage level
Vext < 10 V
Vext − 0.
1
−−
V
Vext > 10 V
10
−−
V
PIN
NAME
CIRCUIT
DESCRIPTION
1
−(R−Y)
−(R−Y) input; connected via 47 nF
capacitor; 1.05 V (peak-to-peak
value) for EBU bar of 75%;
see also pins 3, 5, 7, 9 and 11
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com