Electronic Components Datasheet Search
  English  ▼

X  

AZ100LVEL16VT Datasheet(PDF) 8 Page - Arizona Microtek, Inc

Part # AZ100LVEL16VT
Description  ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16VT Datasheet(HTML) 8 Page - Arizona Microtek, Inc

Back Button AZ100LVEL16VT Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 8Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 9Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 10Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 11Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 12Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AZ100LVEL16VT
April 2007 * REV - 9
www.azmicrotek.com
8
Bottom Center Pad may be left open
or tied to VEE. Pin 4 is the VEE return.
Bottom Center Pad is the VEE return.
LOGIC DIAGRAMS AND PINOUTS FOR 2x2mm PACKAGE
EN
¯¯¯ operation follows PECL functionality.
See Timing Diagram above.
EN
¯¯¯ operation follows PECL functionality.
See Timing Diagram above.
D
4mA
470Ω
V
BB
V
EE
Q
HG
Q
Q
HG
MLP 8, 2x2mm
AZ100LVEL16VTNB
EN
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZ100LVEL16VTNB
QHG
QHG
EN
Q
VBB
VEE
VCC
TOP VIEW
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZ100LVEL16VTNA
QHG
QHG
EN
Q
VBB
VCC
TOP VIEW
D
VEE
D
4mA
470 Ω
V
BB
EN
V
EE
Q
HG
Q
D
Q
HG
MLP 8, 2x2mm
AZ100LVEL16VTNA
470 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com