Electronic Components Datasheet Search
  English  ▼

X  

TDA8510 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8510
Description  26 W BTL and 2 x 13 W SE power amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8510 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8510 Datasheet HTML 8Page - NXP Semiconductors TDA8510 Datasheet HTML 9Page - NXP Semiconductors TDA8510 Datasheet HTML 10Page - NXP Semiconductors TDA8510 Datasheet HTML 11Page - NXP Semiconductors TDA8510 Datasheet HTML 12Page - NXP Semiconductors TDA8510 Datasheet HTML 13Page - NXP Semiconductors TDA8510 Datasheet HTML 14Page - NXP Semiconductors TDA8510 Datasheet HTML 15Page - NXP Semiconductors TDA8510 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1999 Dec 14
13
Philips Semiconductors
Preliminary specification
26 W BTL and 2
× 13 W SE power
amplifiers
TDA8510J
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT243-1
0
5
10 mm
scale
D
L
E
A
c
A2
L 3
Q
w M
b p
1
d
D
Z
e
e
x
h
117
j
Eh
non-concave
95-03-11
97-12-16
DBS17P: plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1
view B: mounting base side
m
2
e
v M
B
UNIT
A
e 1
A2
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
mm
17.0
15.5
4.6
4.2
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
2.54
v
0.8
12.2
11.8
1.27
e 2
5.08
2.4
1.6
Eh
6
2.00
1.45
2.1
1.8
3.4
3.1
4.3
12.4
11.0
Q
j
0.4
w
0.03
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com