Electronic Components Datasheet Search
  English  ▼

X  

TS914IN Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS914IN
Description  Rail-to-rail CMOS quad operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914IN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS914IN Datasheet HTML 6Page - STMicroelectronics TS914IN Datasheet HTML 7Page - STMicroelectronics TS914IN Datasheet HTML 8Page - STMicroelectronics TS914IN Datasheet HTML 9Page - STMicroelectronics TS914IN Datasheet HTML 10Page - STMicroelectronics TS914IN Datasheet HTML 11Page - STMicroelectronics TS914IN Datasheet HTML 12Page - STMicroelectronics TS914IN Datasheet HTML 13Page - STMicroelectronics TS914IN Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
TS914
10/19
Figure 8.
Gain and phase vs. frequency
Figure 9.
Gain bandwidth product vs. supply
voltage
50
40
30
20
10
0
-10
0
45
90
135
180
FREQUENCY, f (Hz)
PHASE
GAIN
Phase
Margin
Gain
Bandwidth
Product
6
10
10
23
10
4
10
5
10
7
10
T
= 25°C
V
= 10V
R = 10k W
C = 100pF
A
= 100
amb
CC
L
L
VCL
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
1800
T
= 25°C
R = 10kW
C = 100pF
amb
L
L
1400
1000
600
200
Figure 10.
Phase margin vs. supply voltage
Figure 11.
Gain and phase vs. frequency
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
60
50
40
30
20
T
= 25°C
R = 10kW
C = 100pF
amb
L
L
50
40
30
20
10
0
-
10
0
45
90
135
180
FREQUENCY, f (Hz)
PHASE
GAIN
Phase
Margin
Gain
Bandwidth
Product
6
10
10
23
10
4
10
5
10
7
10
T
= 25°C
V
= 10V
R = 600W
C = 100pF
A
= 100
amb
CC
L
L
VCL
Figure 12.
Gain bandwidth product vs. supply
voltage
Figure 13.
Phase margin vs. supply voltage
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
T
= 25°C
R = 600W
C = 100pF
amb
L
L
1800
1400
1000
600
200
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
60
50
40
30
20
T
= 25°C
R = 600W
C = 100pF
amb
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com