Electronic Components Datasheet Search
  English  ▼

X  

TDA8511 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8511
Description  4 x 13 W single-ended power amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8511 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8511 Datasheet HTML 4Page - NXP Semiconductors TDA8511 Datasheet HTML 5Page - NXP Semiconductors TDA8511 Datasheet HTML 6Page - NXP Semiconductors TDA8511 Datasheet HTML 7Page - NXP Semiconductors TDA8511 Datasheet HTML 8Page - NXP Semiconductors TDA8511 Datasheet HTML 9Page - NXP Semiconductors TDA8511 Datasheet HTML 10Page - NXP Semiconductors TDA8511 Datasheet HTML 11Page - NXP Semiconductors TDA8511 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Mar 10
8
Philips Semiconductors
Preliminary specification
4
× 13 W single-ended power amplifiers
TDA8511J
AC CHARACTERISTICS
VP = 15 V; RL =4 Ω; f = 1 kHz; Tamb =25 °C; measured in Fig.6; unless otherwise specified.
Notes
1. Output power is measured directly at the output pins of the IC.
2. Frequency response externally fixed.
3. Ripple rejection measured at the output with a source-impedance of 0
Ω, maximum ripple amplitude of 2 V (p-p) and
at a frequency between 100 Hz and 10 kHz.
4. Noise measured in a bandwidth of 20 Hz to 20 kHz.
5. Noise output voltage independent of Rs (Vi = 0 V).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
PO
output power
note 1
THD = 0.5%
4
5.5
−
W
THD = 10%
5.5
7
−
W
THD
total harmonic distortion
PO =1W
−
0.06
−
%
PO
output power
RL =2 Ω; note 1
THD = 0.5%
−
10
−
W
THD = 10%
−
13
−
W
fl
low frequency roll-off
at
−1 dB; note 2
−
25
−
Hz
fh
high frequency roll-off
at
−1dB
20
−−
kHz
Gv
closed loop voltage gain
19
20
21
dB
SVRR
supply voltage ripple rejection
note 3
on
48
−−
dB
mute
46
−−
dB
standby
80
−−
dB
Z
i
input impedance
50
60
75
k
Ω
Vn(o)
noise output voltage
on; Rs =0 Ω; note 4
−
50
−µV
on; Rs =10kΩ; note 4 −
70
100
µV
mute; notes 4 and 5
−
50
−µV
αCS
channel separation
Rs =10kΩ
40
60
−
dB
∆G
v
channel unbalance
−−
1dB
Dynamic distortion detector
THD
total harmonic distortion
V16 ≤ 0.6 V;
no short-circuit
−
10
−
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com