Electronic Components Datasheet Search
  English  ▼

X  

TDA8541 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8541
Description  1 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8541 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8541 Datasheet HTML 1Page - NXP Semiconductors TDA8541 Datasheet HTML 2Page - NXP Semiconductors TDA8541 Datasheet HTML 3Page - NXP Semiconductors TDA8541 Datasheet HTML 4Page - NXP Semiconductors TDA8541 Datasheet HTML 5Page - NXP Semiconductors TDA8541 Datasheet HTML 6Page - NXP Semiconductors TDA8541 Datasheet HTML 7Page - NXP Semiconductors TDA8541 Datasheet HTML 8Page - NXP Semiconductors TDA8541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Apr 01
2
Philips Semiconductors
Product specification
1 W BTL audio amplifier
TDA8541
FEATURES
• Flexibility in use
• Few external components
• Low saturation voltage of output stage
• Gain can be fixed with external resistors
• Standby mode controlled by CMOS compatible levels
• Low standby current
• No switch-on/switch-off plops
• High supply voltage ripple rejection
• Protected against electrostatic discharge
• Outputs short-circuit safe to ground, VCC and across the
load
• Thermally protected.
GENERAL DESCRIPTION
The TDA8541(T) is a one channel audio power amplifier
for an output power of 1 W with an 8
Ω load at a 5 V
supply. The circuit contains a BTL amplifier with a
complementary PNP-NPN output stage and standby/mute
logic. The TDA8541T comes in an 8 pin SO package and
the TDA8541 in an 8 pin DIP package.
APPLICATIONS
• Portable consumer products
• Personal computers
• Telephony.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
2.2
5
18
V
Iq
quiescent current
VCC =5V
−
812
mA
Istb
standby current
−−
10
µA
Po
output power
THD = 10%; RL =8 Ω; VCC =5V 1
1.2
−
W
THD
total harmonic distortion
Po = 0.5 W
−
0.15
−
%
SVRR
supply voltage ripple rejection
50
−−
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8541T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TDA8541
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com