Electronic Components Datasheet Search
  English  ▼

X  

AX3101 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3101
Description  PWM Control 2A Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3101 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3101 Datasheet HTML 1Page - AXElite technology co. ltd AX3101 Datasheet HTML 2Page - AXElite technology co. ltd AX3101 Datasheet HTML 3Page - AXElite technology co. ltd AX3101 Datasheet HTML 4Page - AXElite technology co. ltd AX3101 Datasheet HTML 5Page - AXElite technology co. ltd AX3101 Datasheet HTML 6Page - AXElite technology co. ltd AX3101 Datasheet HTML 7Page - AXElite technology co. ltd AX3101 Datasheet HTML 8Page - AXElite technology co. ltd AX3101 Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Aug.05, 2010
AX3101
APPLICATION CIRCUIT
C2
470uF
C4
470uF
1
2
L1
33uH
R1
6.8K
R2
1.3K
VIN+12V
ON/OFF
C1
1nF
VOUT = 5V/2A
R3
1.3K
R4
100K
D1
B340
C8
0.1uF
FB
1
EN
2
OCSET
3
VCC
4
SW
5
SW
6
VSS
7
VSS
8
AX3101
R1
R2
VFB = 0.8V ; R2 suggest 0.8K ~ 6k
VOUT = VFB x (1 +
)
C3
0.1uF
Option
L1 recommend value (VIN=12V ,IOUT=2A,)
VOUT
1.8 V
2.5V
3.3V
5V
L1 Value
18uH
22uH
27uH
33uH
FUNCTION DESCRIPTIONS
WM Control
The AX3101 consists of DC/DC converters that employ a pulse-width modulation
(PWM) system. In converters of the AX3101, the pulse width varies in a range from 0 to
100%, according to the load current. The ripple voltage produced by the switching can
easily be removed through a filter because the switching frequency remains constant.
Therefore, these converters provide a low-ripple power over broad ranges of input voltage
and load current.
RDS (ON) Current Limiting
The current limit threshold is setting by the external resistor (R3) connecting from VCC
supply to OCSET pin. The internal 130uA sink current crossing the resistor sets the voltage
at pin of OCSET. When the PWM voltage is less than the voltage at OCSET, an
over-current condition is triggered. Please refer to the formula for setting the minimum
current limit value:
R
I
I
DS(ON)
OCSET
.
R3
SW(MIN)
08
0
(Normally, The ISW(MIN) setting more than IOUT 1.0A ).
Example:
ISW = (0.13mA x 1.3k + 0.08)/ 0.070Ω= 3.56A - (VIN=12V)
ISW = (0.13mA x 2.5K + 0.08)/ 0.10Ω= 4.05A - (VIN=5V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com