Electronic Components Datasheet Search
  English  ▼

X  

TSH350ID Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH350ID
Description  550MHz low noise current feedback amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ID Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH350ID Datasheet HTML 6Page - STMicroelectronics TSH350ID Datasheet HTML 7Page - STMicroelectronics TSH350ID Datasheet HTML 8Page - STMicroelectronics TSH350ID Datasheet HTML 9Page - STMicroelectronics TSH350ID Datasheet HTML 10Page - STMicroelectronics TSH350ID Datasheet HTML 11Page - STMicroelectronics TSH350ID Datasheet HTML 12Page - STMicroelectronics TSH350ID Datasheet HTML 13Page - STMicroelectronics TSH350ID Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics
TSH350
10/22
Figure 25.
Vio vs. temperature
Figure 26.
ICC vs. temperature
-40
-20
0
20
40
60
80
100
120
0
200
400
600
800
1000
Open Loop
Vcc=5V
Load=100
Ω
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-10
-8
-6
-4
-2
0
2
4
6
Gain=+1
Vcc=5V
no Load
In+/In- to GND
Icc(+)
Icc(-)
Temperature (°C)
Figure 27.
VOH and VOL vs. temperature
Figure 28.
Iout vs. temperature
-40
-20
0
2040
6080
-5
-4
-3
-2
-1
0
1
2
Gain=+1
Vcc=5V
Load=100
Ω
V
OL
V
OH
Temperature (°C)
-40
-20
0
2040
6080
100
120
-400
-300
-200
-100
0
100
200
300
Output: short-circuit
Gain=+1
Vcc=5V
Isource
Isink
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com