Electronic Components Datasheet Search
  English  ▼

X  

TC1232 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1232
Description  Microprocessor Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232 Datasheet(HTML) 4 Page - Microchip Technology

  TC1232 Datasheet HTML 1Page - Microchip Technology TC1232 Datasheet HTML 2Page - Microchip Technology TC1232 Datasheet HTML 3Page - Microchip Technology TC1232 Datasheet HTML 4Page - Microchip Technology TC1232 Datasheet HTML 5Page - Microchip Technology TC1232 Datasheet HTML 6Page - Microchip Technology TC1232 Datasheet HTML 7Page - Microchip Technology TC1232 Datasheet HTML 8Page - Microchip Technology TC1232 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC1232
DS21370C-page 4
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 1-2:
Push Button Reset and Watchdog Timer Reset Timing Waveforms.
AC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, TA = TMIN to TMAX; VCC = +4.0V to 5.5V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
PB RST Pulse Width
tPB
20
—
—
ms
Note 1
PB RST Falling Edge Low to
Reset Active
tPBD
14
20
ms
PB RST Rising Edge High to
Reset Inactive
tRST
250
610
1000
ms
ST Pulse Width
tST
20
—
—
ns
ST Time-out Period
tTD
62.5
150
250
ms
TD Pin = 0V
250
600
1000
ms
TD Pin = Open
500
1200
2000
ms
TD Pin = VCC
Note 1:
PB RST must be held low for a minimum of 20 ms to ensure a reset.
RST
VIL
tPB
RST
tPBD
VIH
tRST
PB RST
The debounced PB RST input ignores input pulses less
than 1 ms and is designed to recognize pulses of
20 ms or greater.
tST
ST
tTD
RST (when tTD ≤ tTD (min))
“H”
RST
(when tTD(min) ≤ tTD ≤ tTD(max))
(when tTD ≥ tTD(max))
RST
RST (when tTD ≤ tTD(min))
“L”
RST
(when tTD(min) ≤ tTD ≤ tTD(max))
(when tTD ≥ tTD(max))
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com