Electronic Components Datasheet Search
  English  ▼

X  

TC1263 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1263
Description  500 mA, Fixed-Output, CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263 Datasheet(HTML) 1 Page - Microchip Technology

  TC1263_05 Datasheet HTML 1Page - Microchip Technology TC1263_05 Datasheet HTML 2Page - Microchip Technology TC1263_05 Datasheet HTML 3Page - Microchip Technology TC1263_05 Datasheet HTML 4Page - Microchip Technology TC1263_05 Datasheet HTML 5Page - Microchip Technology TC1263_05 Datasheet HTML 6Page - Microchip Technology TC1263_05 Datasheet HTML 7Page - Microchip Technology TC1263_05 Datasheet HTML 8Page - Microchip Technology TC1263_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21374C-page 1
TC1263
Features
• Very Low Dropout Voltage
• 500 mA Output Current
• High-Output Voltage Accuracy
• Standard or Custom Output Voltages
• Overcurrent and Overtemperature Protection
• SHDN Input for Active Power Management
• ERROR Output Can Be Used as a Low Battery
Detector (SOIC only)
Applications
• Battery-Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Typical Application
Description
The TC1263 is a fixed-output, high-accuracy (typically
±0.5%) CMOS low dropout regulator. Designed
specifically for battery-operated systems, the TC1263’s
CMOS construction eliminates wasted ground current,
significantly extending battery life. Total supply current
is typically 80 µA at full load (20 to 60 times lower than
in bipolar regulators).
TC1263 key features include ultra low noise operation,
very low dropout voltage (typically 350 mV at full load)
and fast response to step changes in load.
The TC1263 incorporates both overtemperature and
overcurrent protection. The TC1263 is stable with an
output capacitor of only 1 µF and has a maximum
output current of 500 mA. It is available in 8-Pin SOIC,
5-Pin TO-220 and 5-Pin DDPAK packages.
Package Type
TC1263
VIN
VOUT
C1
1µF
GND
VOUT
VIN
SHDN
SHDN
+
Front View
12
3
Tab is GND
TC1263
1
2
3
4
8
7
6
5
TC1263
NC
SHDN
8-Pin SOIC
GND
NC
BYPASS
VOUT
VIN
TC1263
5-Pin TO-220
Tab is GND
5-Pin DDPAK
12 3 45
4 5
ERROR
500 mA, Fixed-Output, CMOS LDO with Shutdown


Similar Part No. - TC1263_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263-2.5VAT MICROCHIP-TC1263-2.5VAT Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263-2.5VETTR MICROCHIP-TC1263-2.5VETTR Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263-2.5VOA MICROCHIP-TC1263-2.5VOA Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263-2.5VOATR MICROCHIP-TC1263-2.5VOATR Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263-2.8VAT MICROCHIP-TC1263-2.8VAT Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
More results

Similar Description - TC1263_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
500mA Fixed Output CMOS LDO with Shutdown
2002
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
2003
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com