Electronic Components Datasheet Search
  English  ▼

X  

TC1264 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1264
Description  800 mA Fixed-Output CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1264 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1264_06 Datasheet HTML 6Page - Microchip Technology TC1264_06 Datasheet HTML 7Page - Microchip Technology TC1264_06 Datasheet HTML 8Page - Microchip Technology TC1264_06 Datasheet HTML 9Page - Microchip Technology TC1264_06 Datasheet HTML 10Page - Microchip Technology TC1264_06 Datasheet HTML 11Page - Microchip Technology TC1264_06 Datasheet HTML 12Page - Microchip Technology TC1264_06 Datasheet HTML 13Page - Microchip Technology TC1264_06 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC1264
DS21375C-page 10
© 2006 Microchip Technology Inc.
3-Lead Plastic Small Outline Transistor (DB) (SOT-223)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
0.85
0.65
.033
.026
b
Lead Width
0.35
0.23
.014
.009
c
Lead Thickness
6.70
6.30
.264
.248
D
Overall Length
7.30
.287
E
Overall Width
1.80
–
.071
–
A
Overall Height
4.60 BSC
.181 BSC
e1
Outside lead pitch (basic)
2.30 BSC
.091 BSC
e
Pitch
MAX
MIN
MAX
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side.
Notes:
* Controlling Parameter
Molded Package Width
E1
.130
.146
3.30
3.70
.264
6.70
Tab Lead Width
b2
.114
.124
2.90
3.15
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
JEDEC Equivalent TO-261 AA
Foot Length
.035
L0.90
–
–
–
.118
.030
.012
.256
.138
–
.276
3.00
–
0.30
0.76
–
3.50
6.50
7.00
NOM
NOM
Lead Angle
Mold Draft Angle, Top
Mold Draft Angle, Bottom
φ
α
β
–
0.37
–
10°
0°
10°
10°
16°
–
10°
16°
–
–
–
10°
16°
10°
16°
Molded Package Height
1.65
1.55
.063
.065
A2
.061
1.60
Standoff
–
.001
A1
.004
–
0.02
0.10
Drawing No. C04-032
Revised 09-13-05
b2
D
E1
E
e
e1
1
A
A1
A2
α
β
φ
L
b
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com