Electronic Components Datasheet Search
  English  ▼

X  

AP5057SPER Datasheet(PDF) 3 Page - Wuxi Chipown Micro-electronics limited

Part # AP5057SPER
Description  1A Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP5057SPER Datasheet(HTML) 3 Page - Wuxi Chipown Micro-electronics limited

  AP5057SPER Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP5057SPER Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP5057SPER Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP5057SPER Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP5057SPER Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP5057SPER Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP5057SPER Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP5057
Chipown
8/F, ChuangYuan Building No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
Absolute Maximum Ratings
PARAMETER
SYMBOL
MAXIMUM RATING
UNIT
Input Supply Voltage
Vcc
VSS-0.3~VSS+8
PROG pin Voltage
Vprog
VSS-0.3~Vcc+0.3
BAT pin Voltage
Vbat
Vss-0.3~8
CHAG pin Voltage
Vchrg
VSS-0.3~VSS+8
V
BAT pin Current
Ibat
1400
mA
PROG pin Current
Iprog
1400
uA
Operating Ambient Temperature
Topa
-40~+85
Storage Temperature
Tstr
-65~+125
Lead Temperature (Soldering, 10s)
260
°C
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Electrical Characteristics
Parameter
Symbol
CONDITION
MIN
TYP
MAX
UNIT
Input supply voltage
Vcc
4.25
6.5
V
Charge mode, RPROG =10K
350
2000
uA
Standby mode
150
500
uA
Input supply current
Icc
Shutdown mode(RPROG not
connected,Vcc<Vbat or
Vcc<Vuv)
50
100
uA
Regulated Output Voltage
Vfloat
0°C≤TA≤85°C, IBAT = 40mA
4.177
4.263
V
RPROG =2k,Current mode
450
500
550
mA
RPROG =1k,Current mode
900
1000
1100
mA
Standby mode,Vbat=4.2V
0
-2.5
-6
uA
Shutdown mode
-1
-2.5
uA
BAT pin Current
Ibat
Sleep mode,Vcc=0V
-0.3
-2.5
uA
Trickle charge current
Itrikl
Vbat<Vtrikl,Rprog=1k
80
100
120
mA
Trickle charge Threshold
Voltage
Vtrikl
RPROG =10K,Vbat Rising
2.78
2.9
3.0
V
Trickle voltage hysteresis
voltage
Vtrhys
RPROG =10k
118
135
152
mV
Vcc Undervoltage lockout
Threshold
Vuv
From Vcc low to high
3.65
3.8
3.9
V
Vcc undervoltage lockout
hysteresis
Vuvhys
150
200
300
mV
Vcc from low to high
50
100
140
mV
Vcc-Vbat Lockout Threshold
voltage
Vasd
Vcc from high to low
5
40
50
mV
C/10 Termination Current
Iterm
RPROG=1k
0.085
0.1
0.115
mA/mA
V2.0
3 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com