Electronic Components Datasheet Search
  English  ▼

X  

TDA8542AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8542AT
Description  2 x 1.5 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542AT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8542AT Datasheet HTML 1Page - NXP Semiconductors TDA8542AT Datasheet HTML 2Page - NXP Semiconductors TDA8542AT Datasheet HTML 3Page - NXP Semiconductors TDA8542AT Datasheet HTML 4Page - NXP Semiconductors TDA8542AT Datasheet HTML 5Page - NXP Semiconductors TDA8542AT Datasheet HTML 6Page - NXP Semiconductors TDA8542AT Datasheet HTML 7Page - NXP Semiconductors TDA8542AT Datasheet HTML 8Page - NXP Semiconductors TDA8542AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1998 Mar 25
3
Philips Semiconductors
Product specification
2
× 1.5 W BTL audio amplifier
TDA8542AT
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGM211
STANDBY/MUTE LOGIC
R
R
20 k
Ω
20 k
Ω
INL
−
INL
+
VCCL
OUTL
−
OUTL
+
−
−
+
−
−
+
STANDBY/MUTE LOGIC
R
R
20 k
Ω
20 k
Ω
INR
−
INR
+
VCCR
SVR
MODE
OUTR
−
OUTR
+
−
−
+
−
−
+
BTL/SE
LGND
RGND
VCCL VCCR
19
12
18
3
13
8
29
17
16
14
15
5
4
6
TDA8542AT
n.c.
7
GND
1
GND
10
GND
11
GND
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com