Electronic Components Datasheet Search
  English  ▼

X  

TC1322 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1322
Description  12-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1322 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1322 Datasheet HTML 6Page - Microchip Technology TC1322 Datasheet HTML 7Page - Microchip Technology TC1322 Datasheet HTML 8Page - Microchip Technology TC1322 Datasheet HTML 9Page - Microchip Technology TC1322 Datasheet HTML 10Page - Microchip Technology TC1322 Datasheet HTML 11Page - Microchip Technology TC1322 Datasheet HTML 12Page - Microchip Technology TC1322 Datasheet HTML 13Page - Microchip Technology TC1322 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC1322
DS21388C-page 10
© 2005 Microchip Technology Inc.
4.6
Register Set and Programmer’s
Model
TABLE 4-2:
TC1322 COMMAND SET
(SMBus READ_BYTE AND
WRITE_BYTE)
TABLE 4-3:
CONFIGURATION REGISTER
(CONFIG), 8-BIT, READ/WRITE
TABLE 4-4:
DATA REGISTER (DATA),
12-BIT, READ/WRITE
The DAC output voltage is a function of reference volt-
age and the binary value of the contents of the register
DATA. The transfer function is given by the expression:
EQUATION 4-1:
4.7
Register Set Summary
The TC1322’s register set is summarized in Table 4-5
below. All registers are 12-bits wide.
TABLE 4-5:
TC1322 REGISTER SET
SUMMARY
Command Byte Description
Command
Code
Function
RWD
00h
Read/Write Data (DATA)
RWCR
01h
Read/Write Configuration
(CONFIG)
Configuration Register (CONFIG)
D[7] D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Reserved
SHDN
Bit
POR
Function
Type
Operation
D[0]
0
Standby Switch
Read/
Write
1 = Standby
0 = Normal
D[7]-D[1]
0
Reserved;
Always returns
Zero when Read
N/A
N/A
Data Register (DATA) for 1st Byte
D[11]
D[0]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
MSB
X
X
X
X
X
X
LSB
Data Register (DATA) for 2nd Byte
D[3]
D[2]
D[1]
D[0]
X
X
X
X
X
X
X
LSB
X
X
X
X
Name
Description
POR State
Read Write
Data
Data Register
(2-Byte Format)
000000000000b
X
X
Config CONFIG Register 0000 0000b
X
X
VOUT = VREF x DATA
4096
⎡
⎣
⎤
⎦



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com