Electronic Components Datasheet Search
  English  ▼

X  

B772 Datasheet(PDF) 4 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

Part # B772
Description  PNP Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY-MICRO [CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.]
Direct Link  https://www.gmesemi.com/en/
Logo GALAXY-MICRO - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

B772 Datasheet(HTML) 4 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

  B772 Datasheet HTML 1Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. B772 Datasheet HTML 2Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. B772 Datasheet HTML 3Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. B772 Datasheet HTML 4Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. B772 Datasheet HTML 5Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Production specification
PNP Silicon Epitaxial Planar Transistor
B772
V/(W)023
www.gmesemi.com
Rev.A
4
PACKAGE OUTLINE
Plastic surface mounted package
TO-251
PACKAGE OUTLINE
Plastic surface mounted package
TO-252
TO-251
A
2.200
2.400
b
0.500
0.700
c
0.460
0.580
D
6.500
6.700
D1
5.100
5.460
D2
4.830 Typ.
E
6.000
6.200
e
2.186
2.386
L
12.000
12.600
L1
5.100 Typ.
L2
1.400
1.700
Φ
1.100
1.300
h
0.000
0.300
V
5.350 Typ.
All Dimensions in mm
TO-252
A
4.95
5.59
B
5.40
6.63
C
6.05
7.10
D
2.20
2.40
E
0.40
0.61
F
8.80
10.60
G
5.35 Typ.
H
1.98
2.59
I
0.50
0.90
J
0.50
1.20
K
0.45
0.89
All Dimensions in mm
A
C
D
H
K
I
E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com