Electronic Components Datasheet Search
  English  ▼

X  

77010 Datasheet(PDF) 1 Page - Alpha Wire

Part # 77010
Description  22 (7/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

77010 Datasheet(HTML) 1 Page - Alpha Wire

  77010 Datasheet HTML 1Page - Alpha Wire 77010 Datasheet HTML 2Page - Alpha Wire 77010 Datasheet HTML 3Page - Alpha Wire 77010 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 77010
Construction
 
Diameters (In)
1) Component 1
7 X 1 COND
 
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.010" Wall, Nom. MPPE
0.050
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
4
ORANGE
7
BLUE
2
BROWN
5
YELLOW
 
3
RED
6
GREEN
 
2) Cable Assembly
7 Components Cabled
 
a) Twists:
6.9 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Jacket
0.032" Wall, Nom.,MPPE
0.219 (0.231 Max.)
a) Color(s)
SLATE
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 77010 7C 22 AWG
ECOCABLE(R) RU AWM 21915 105C 600V
C(RU) AWM I/II A/B FT2 600V 105C
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 77010

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
77010 WIXROYD-77010 Datasheet
140Kb / 1P
Three Spoked Handwheels
logo
Tyco Electronics
770100-1 MACOM-770100-1 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
770100-1 MACOM-770100-1 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
770101-1 MACOM-770101-1 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
770101-1 MACOM-770101-1 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 77010

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
123109A BELDEN-123109A Datasheet
84Kb / 2P
FOUR 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133105A BELDEN-133105A Datasheet
83Kb / 2P
ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
133108A BELDEN-133108A Datasheet
36Kb / 1P
THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com