Electronic Components Datasheet Search
  English  ▼

X  

TDA8542TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8542TS
Description  2 x 0.7 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542TS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8542TS Datasheet HTML 1Page - NXP Semiconductors TDA8542TS Datasheet HTML 2Page - NXP Semiconductors TDA8542TS Datasheet HTML 3Page - NXP Semiconductors TDA8542TS Datasheet HTML 4Page - NXP Semiconductors TDA8542TS Datasheet HTML 5Page - NXP Semiconductors TDA8542TS Datasheet HTML 6Page - NXP Semiconductors TDA8542TS Datasheet HTML 7Page - NXP Semiconductors TDA8542TS Datasheet HTML 8Page - NXP Semiconductors TDA8542TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Mar 25
2
Philips Semiconductors
Product specification
2
× 0.7 W BTL audio amplifier
TDA8542TS
FEATURES
• Flexibility in use
• Few external components
• Low saturation voltage of output stage
• Gain can be fixed with external resistors
• Standby mode controlled by CMOS compatible levels
• Low standby current
• No switch-on/switch-off plops
• High supply voltage ripple rejection
• Protected against electrostatic discharge
• Outputs short-circuit safe to ground, VCC and across the
load
• Thermally protected.
GENERAL DESCRIPTION
The TDA8542TS is a two channel audio power amplifier
for an output power of 2
× 0.7 W with a 16 Ω load at a 5 V
supply. At a low supply voltage of 3.3 V an output power of
0.6 W with an 8
Ω load can be obtained. The circuit
contains two Bridge-Tied Load (BTL) amplifiers with a
complementary PNP-NPN output stage and standby/mute
logic. The TDA8542TS is available in a SSOP20 package.
APPLICATIONS
• Portable consumer products
• Personal computers
• Motor-driver (servo).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
2.2
5
18
V
Iq
quiescent current
VCC =5V
−
15
22
mA
Istb
standby current
−−
10
µA
Po
output power
THD = 10%; RL =8 Ω; VCC = 3.3 V 0.45
0.55
−
W
THD = 10%; RL =16 Ω; VCC = 5 V
0.6
0.7
−
W
THD
total harmonic distortion
Po = 0.4 W
−
0.15
−
%
SVRR
supply voltage ripple rejection
50
−−
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8542TS
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com