Electronic Components Datasheet Search
  English  ▼

X  

TDA8543 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8543
Description  2 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8543 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8543 Datasheet HTML 4Page - NXP Semiconductors TDA8543 Datasheet HTML 5Page - NXP Semiconductors TDA8543 Datasheet HTML 6Page - NXP Semiconductors TDA8543 Datasheet HTML 7Page - NXP Semiconductors TDA8543 Datasheet HTML 8Page - NXP Semiconductors TDA8543 Datasheet HTML 9Page - NXP Semiconductors TDA8543 Datasheet HTML 10Page - NXP Semiconductors TDA8543 Datasheet HTML 11Page - NXP Semiconductors TDA8543 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Jun 12
8
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
BTL APPLICATION
Fig.4 BTL application.
Gain
2
R2
R1
--------
×
=
handbook, full pagewidth
MGK403
6
VCC
Vin
OUT
−
IN
−
IN
+
OUT
+
11
100 nF
100
µF
12
13
TDA8543
5
GND
RL
SVR
4
3
MODE
14
C2
47
µF
1
µF
C1
R1
R2
11 k
Ω
56 k
Ω
Fig.5 Iq as a function of VCC.
RL = ∞.
handbook, halfpage
0
Iq
(mA)
VCC (V)
15
10
5
0
420
812
16
MGD876
Fig.6 THD as a function of Po.
f = 1 kHz, Gv =20dB.
(1) VCC = 5 V, RL =8 Ω.
(2) VCC = 7.5 V, RL =8 Ω.
(3) VCC = 9 V, RL =16 Ω.
handbook, halfpage
10
1
THD
(%)
10−1
10−2
MGK404
10−2
10−1
1
Po (W)
10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com