Electronic Components Datasheet Search
  English  ▼

X  

LM240WU5 Datasheet(PDF) 21 Page - LG Semicon Co.,Ltd.

Part # LM240WU5
Description  24.0” WUXGA TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM240WU5 Datasheet(HTML) 21 Page - LG Semicon Co.,Ltd.

Back Button LM240WU5 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM240WU5 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM240WU5 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM240WU5 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM240WU5 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM240WU5 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM240WU5 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM240WU5 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM240WU5 Datasheet HTML 25Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Product Specification
LM240WU5
Liquid Crystal Display
Ver. 1.0
March. 07. 2008
21 / 31
Gray to Gray
Rising Time
G1023
G767
G511
G255
G0
Falling Time
G1023
G767
G511
G255
G0
The gray to gray response time is defined as the following figure and shall be measured by switching the
input signal for “Gray To Gray”.
- Gray step : 5 step
- TGTG_AVR is the total average time at rising time and falling time for “Gray To Gray”.
- TGTG_MAX is the max time at rising time or falling time for “Gray To Gray”.
Table 12. Gray to gray response time table
25% Box size
Dark skin
Light skin
Blue sky
Foliage
Blue flower
Bluish green
R
395
827
343
311
519
459
G
227
571
451
411
475
799
B
183
495
647
187
743
715
Orange
Purplish blue
Moderate red
Purple
Yellow green
Orange yellow
R
879
227
847
307
643
923
G
419
279
271
159
775
651
B
99
699
351
347
235
119
Blue
Green
Red
Yellow
Magenta
cyan
R
107
291
791
967
831
143
G
131
595
111
851
251
507
B
583
263
151
147
607
691
White
Neutral 8
Neutral 6.5
Neutral 5
Neutral 3.5
black
R
963
827
623
443
255
91
G
963
827
623
443
255
91
B
963
827
623
443
255
91
Average RGB values in Bruce RGB for Macbeth Chart
FIG. 4 Test Pattern
Color shift is defined as the following test pattern and color.
Free Datasheet http://www.Datasheet4U.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com