Electronic Components Datasheet Search
  English  ▼

X  

MCCQ01 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # MCCQ01
Description  Power RF Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

MCCQ01 Datasheet(HTML) 2 Page - Polyfet RF Devices

  MCCQ01 Datasheet HTML 1Page - Polyfet RF Devices MCCQ01 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCCQ01
MCCQ01 F=250MHz Vds=28Vdc
0
4
8
12
16
20
24
0 2
4 6 8 10 12 14 16 18 20
Pin in MilliWatts
30.5
31.0
31.5
32.0
32.5
33.0
33.5
Efficiency@15W=20%
Pout
Gain
VAGC=8V
MCCQ01 F=20MHz Vds=28Vdc
0
4
8
12
16
20
24
0 2
4
6
8 10 12 14 16 18 20
Pin in MilliWatts
29
30
31
32
33
34
35
36
Efficiency@15W=20%
Pout
Gain
VAGC=8V
MCCQ01 F=20MHz Vds=28Vdc
0
2
4
6
8
10
12
14
16
18
20
22
2
3
4
5
6
7
VAGC
0
5
10
15
20
25
30
Pout
Gain
Pin=+13dBm
MCCQ01 F=520MHz Vds=28Vdc
0
4
8
12
16
20
24
0 2 4 6 8 10 12 14 16 18 20
Pin in MilliWatts
30.5
31.0
31.5
32.0
32.5
Efficiency@15W=20%
Pout
Gain
VAGC=8V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 URL:www.polyfet.com
REVISION 12/01/2006
MCCQ01,Vds=28VDC,Vagc=7VDC,Pin=0.02W
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
Freq
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
GAIN
EFF
MCCQ01 F=520MHz Vds=28Vdc
0
4
8
12
16
20
24
28
2
3
4
5
6
7
VAGC
0
5
10
15
20
25
30
Pout
Gain
Pin=+13dBm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com