Electronic Components Datasheet Search
  English  ▼

X  

TLE9166EQ Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE9166EQ
Description  General product characteristics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9166EQ Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE9166EQ Datasheet HTML 1Page - Infineon Technologies AG TLE9166EQ Datasheet HTML 2Page - Infineon Technologies AG TLE9166EQ Datasheet HTML 3Page - Infineon Technologies AG TLE9166EQ Datasheet HTML 4Page - Infineon Technologies AG TLE9166EQ Datasheet HTML 5Page - Infineon Technologies AG TLE9166EQ Datasheet HTML 6Page - Infineon Technologies AG TLE9166EQ Datasheet HTML 7Page - Infineon Technologies AG TLE9166EQ Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
• Integrated half-bridges and high-side switches
- Overcurrent detection
- Open load detection
- High-side current sense
- PWM input for half-bridges (up to 25 kHz)
- Integrated PWM generators with phase shift for high-side switches
- Control of capacitive loads for high-side switches
• Electrochromic mirror control
• Driver for external MOSFET for heater function
• 5 V / 3.3 V regulator with short circuit protection for off-board supply
• 32-bit SPI interface for control and diagnostic
• Overtemperature warning and protection
• Over- and under-voltage lockout
• Watchdog
Potential applications
Door zone applications
Product validation
Product validation according to AEC-Q100, Grade 1. Qualified for automotive applications.
Description
The device is optimized for automotive door zone modules to control mirror functions such as mirror positioning, folding and
heating, including electrochromic mirror functions. It also integrates half-bridges to control door locks and safe locks, as well as
high-sides for LED control.
TLE9166
CP
VDD
Microcontroller
CYTxx
SPI
VS
PWM
CM
Motor System IC
TLE956x
VCC1
Reverse batt.
protection
CP
VBAT
MOSFET
drivers
Window
lift
Logic
Integrated half-bridges
HS / VREG
EC mirror control
HS MOSFET driver
M
M
M
M
M
Mirror x-adjustment
Mirror y-adjustment
Mirror fold
Lock
Safe lock
Diagnostic
Configuration
Protections
PWM gen.
Watchdog
Integrated high-sides
SBC
CAN
LIN
WD
WK
VREG
HSS
EC mirror
Mirror heater
Off-board supply
Bulb or LED
LED or LED module
Illumination
e.g. exit light,
blinker, door
handle
Current monitor
Product type
Package
Marking
TLE9166EQ
PG-TSDSO-32
TLE9166EQ
TLE9166EQ
Short datasheet
Datasheet
Please read the sections "Important notice" and "Warnings" at the end of this document
Rev. 1.00
www.infineon.com
2024-07-24


Similar Part No. - TLE9166EQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9104SH INFINEON-TLE9104SH Datasheet
1Mb / 35P
Smart Quad Channel Powertrain Switch
Rev. 1.2 2018-10-26
TLE9140EQW INFINEON-TLE9140EQW Datasheet
1Mb / 100P
MOTIX™ 48 V/24 V bridge driver
Rev. 0.05 2022-10-04
TLE9140EQW INFINEON-TLE9140EQW Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
2023-08-07 Rev. 1.00
TLE9140EQW INFINEON-TLE9140EQW Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
Rev. 1.00, 2023-08-07
TLE9140EQWXUMA1 INFINEON-TLE9140EQWXUMA1 Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
2023-08-07 Rev. 1.00
More results

Similar Description - TLE9166EQ

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
Main Product Characteristics
SSBD1060CT SILIKRON-SSBD1060CT Datasheet
298Kb / 6P
Main Product Characteristics
SSBD2045CT SILIKRON-SSBD2045CT Datasheet
463Kb / 6P
Main Product Characteristics
SSBD10100CTD SILIKRON-SSBD10100CTD Datasheet
242Kb / 3P
Main Product Characteristics
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
Main Product Characteristics
SSBD20150CT SILIKRON-SSBD20150CT Datasheet
347Kb / 6P
Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
Main Product Characteristics
SSF4N60G SILIKRON-SSF4N60G Datasheet
516Kb / 8P
Main Product Characteristics
logo
GOOD-ARK Electronics
GDSSF3611E GOOD-ARK-GDSSF3611E_15 Datasheet
353Kb / 5P
Main Product Characteristics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com