Electronic Components Datasheet Search
  English  ▼

X  

MIC2168A Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2168A
Description  1MHz PWM Synchronous Buck Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168A Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2168A Datasheet HTML 1Page - Micrel Semiconductor MIC2168A Datasheet HTML 2Page - Micrel Semiconductor MIC2168A Datasheet HTML 3Page - Micrel Semiconductor MIC2168A Datasheet HTML 4Page - Micrel Semiconductor MIC2168A Datasheet HTML 5Page - Micrel Semiconductor MIC2168A Datasheet HTML 6Page - Micrel Semiconductor MIC2168A Datasheet HTML 7Page - Micrel Semiconductor MIC2168A Datasheet HTML 8Page - Micrel Semiconductor MIC2168A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
April 2005
3
M9999-062205
MIC2168A
Micrel, Inc.
Absolute Maximum Ratings(1)
Supply Voltage (VIN)...................................................15.5V
Booststrapped Voltage (VBST).................................VIN +5V
Junction Temperature (TJ)...................–40°C ≤ TJ ≤+125°C
Storage Temperature (TS) ........................ –65°C to +150°C
Operating Ratings(2)
Supply Voltage (VIN)..................................... +3V to +14.5V
Output Voltage Range ..........................0.8V to VIN × DMAX
Package Thermal Resistance
θJA 10-lead MSOP
JA
JA
.............................................180°C/W
Electrical Characteristics(3)
TJ = 25°C, VIN = 5V, unless otherwise specified. Bold values indicate –40°C < TJ < +125°C
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage Reference
(± 1%)
0.792
0.8
0.808
V
Feedback Voltage Reference
(± 2% over temp)
0.784
0.8
0.816
V
Feedback Bias Current
30
100
nA
Output Voltage Line Regulation
0.03
% / V
Output Voltage Load Regulation
0.5
%
Output Voltage Total Regulation
3V ≤ VIN ≤ 14.5V; 1A ≤ IOUT ≤ 10A; (VOUT = 2.5V)(4)
(4)
0.6
%
Oscillator Section
Oscillator Frequency
900
1000
1100
kHz
Maximum Duty Cycle
90
%
Minimum On-Time(4)
(4)
30
60
ns
Input and VDD Supply
PWM Mode Supply Current
VCS = VIN –0.25V; VFB = 0.7V (output switching but excluding
1.6
3
mA
external MOSFET gate current.)
Shutdown Quiescent Current
VCOMP/EN = 0V
50
150
µ
A
VCOMP Shutdown Threshold
0.1
0.25
0.4
V
VCOMP Shutdown Blanking
CCOMP = 100nF
4
ms
Period
Digital Supply Voltage (VDD)
VIN ≥ 6V
4.7
5
5.3
V
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage Reference
(± 1%)
0.792
0.8
0.808
V
Feedback Voltage Reference
(± 2% over temp)
Feedback Bias Current
30
Output Voltage Line Regulation
0.03
% / V
Output Voltage Load Regulation
0.5
%
Output Voltage Total Regulation
3V ≤ V
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage Reference
(± 1%)
0.792
0.8
0.808
V
Feedback Bias Current
30
Output Voltage Line Regulation
0.03
% / V
Output Voltage Load Regulation
0.5
%
0.6
%
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage Reference
(± 1%)
0.792
0.8
0.808
V
0.8
Feedback Bias Current
30
Output Voltage Line Regulation
0.03
% / V
Output Voltage Load Regulation
0.5
%
0.6
%
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage Reference
(± 1%)
0.792
0.8
0.808
V
Output Voltage Line Regulation
0.03
% / V
Output Voltage Load Regulation
0.5
%
0.6
%
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage Reference
(± 1%)
0.792
0.8
0.808
V
V
nA
Output Voltage Line Regulation
0.03
% / V
Output Voltage Load Regulation
0.5
%
0.6
%
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max),
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA
, and the ambient temperature, T
, and the ambient temperature, T . The maximum allowable power dissipation will result in excessive
die temperature, and the regulator will go into thermal shutdown.
2. Devices are ESD sensitive, handling precautions required.
3. Specification for packaged product only.
4. Guaranteed by design.
Oscillator Frequency
900
1000
1100
kHz
Maximum Duty Cycle
90
%
30
Oscillator Frequency
900
1000
1100
kHz
Maximum Duty Cycle
90
%
30
Oscillator Frequency
900
1000
1100
kHz
Maximum Duty Cycle
90
%
30
Oscillator Frequency
900
1000
1100
kHz
Maximum Duty Cycle
90
%
Oscillator Frequency
900
1000
1100
kHz
Maximum Duty Cycle
90
%
ns
PWM Mode Supply Current
V
external MOSFET gate current.)
Shutdown Quiescent Current
V
Shutdown Threshold
0.1
0.25
0.4
V
Shutdown Blanking
C
)
V
= 0.7V (output switching but excluding
1.6
= 0V
50
Shutdown Threshold
0.1
0.25
0.4
V
= 100nF
4
ms
≥ 6V
4.7
5
5.3
V
= 0.7V (output switching but excluding
1.6
= 0V
50
Shutdown Threshold
0.1
0.25
0.4
V
= 100nF
4
ms
≥ 6V
4.7
5
5.3
V
Shutdown Threshold
0.1
0.25
0.4
V
= 100nF
4
ms
≥ 6V
4.7
5
5.3
V
mA
Shutdown Threshold
0.1
0.25
0.4
V
= 100nF
4
ms
≥ 6V
4.7
5
5.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com