Electronic Components Datasheet Search
  English  ▼

X  

DRF1211 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # DRF1211
Description  1000V, 26A, 30MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF1211 Datasheet(HTML) 2 Page - Microsemi Corporation

  DRF1211 Datasheet HTML 1Page - Microsemi Corporation DRF1211 Datasheet HTML 2Page - Microsemi Corporation DRF1211 Datasheet HTML 3Page - Microsemi Corporation DRF1211 Datasheet HTML 4Page - Microsemi Corporation DRF1211 Datasheet HTML 5Page - Microsemi Corporation DRF1211 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DRF1211
MOSFET Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Unit
BV
DSS
Drain Source Voltage
1000
V
I
D
Continuous Drain Current TC = 25°C @ ID = 13A
26
A
R
DS(on)
Drain-Source On State Resistance
0.7
Ω
T
jmax
Operating Temperature
175
°C
MOSFET Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
C
iss
Input Capacitance
V
gs = 0
V
DS = 50V
f = 1 MHz
4000
pF
C
oss
Output Capacitance
460
C
rss
Reverse Transfer Capacitance
90
MOSFET Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
RθJC
Thermal Resistance Junction to Case (per MOSFET)
0.16
0.17
°C/W
RθJHS
Thermal Resistance Junction to Heat Sink
0.22
T
JSTG
Storage Temperature
-55 to 150
°C
P
DHS
Maximum Power Dissipation @ T
SINK = 25°C
680
W
P
DC
Total Power Dissipation @ T
C = 25°C
1000
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Figure 1, DRF1211 Simplified Circuit Diagram
The Simplified DRF1211 Circuit Diagram is illustrated above. By including the driver high speed by-pass capacitor (C1), the contribution to
the internal parasitic loop inductance of the driver output is greatly reduced. This, coupled with the tight geometry of the hybrid, allows optimal
gate drive to the MOSFET. This low parasitic approach, coupled with the Schmitt trigger input (IN), Kelvin signal ground (SG) and the Anti-
Ring Function, provide improved stability and control in Kilowatt to Multi-Kilowatt, high Frequency applications. IN pin is referenced to the
Kelvin ground (SG.) The signal is then applied to the intermediate drivers and level shifters; this section contains proprietary circuitry designed
specifically for the ring abatement. The power drivers provide high current to the gate of the MOSFETS.
Symbol
Parameter
Min
Typ
Max
Unit
RθJC
Thermal Resistance Junction to Case
1.5
°C/W
T
j, TSTG
Operating and Storage Temperature
-55 to 150
°C
P
DC
Maximum Power Dissipation @ T
C = 25°C
80
W
Driver Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
C
out
Output Capacitance
2500
pF
R
out
Output Resistance
0.5
Ω
L
out
Output Inductance
2
3
4
nH
F
MAX
Operating Frequency CL = 3nF + 50Ω
60
MHz
Driver Output Characteristics
Gnd
Gnd



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com