Electronic Components Datasheet Search
  English  ▼

X  

AR0235CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0235CS
Description  1/2.8-inch 2 MP CMOS Digital Image Sensor with Global Shutter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0235CS Datasheet(HTML) 1 Page - ON Semiconductor

  AR0235CS Datasheet HTML 1Page - ON Semiconductor AR0235CS Datasheet HTML 2Page - ON Semiconductor AR0235CS Datasheet HTML 3Page - ON Semiconductor AR0235CS Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
www.onsemi.com
 Semiconductor Components Industries, LLC, 2024
August, 2024 − Rev. 2
1
Publication Order Number:
AR0235CS−PD/D
1/2.8-inch 2 MP CMOS
Digital Image Sensor with
Global Shutter
AR0235CS
Description
The AR0235CS is a 1/2.8−inch CMOS digital image sensor with an
active−pixel array of 1920 (H) x 1200 (V). It incorporates a new
innovative global shutter pixel design optimized for accurate and fast
capture of moving scenes. The sensor produces clear, low noise
images in both low−light and bright scenes. It includes sophisticated
camera functions such as auto exposure control, windowing, row skip
mode, column−skip mode, pixel−binning and both video and single
frame modes. It is programmable through a simple two−wire serial
interface. The AR0235CS produces extraordinarily clear, sharp digital
pictures, and its ability to capture both continuous video and single
frames makes it the perfect choice for a wide range of applications,
including scanning and industrial inspection.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
1/2.8−inch (6.34 mm)
Active Pixels
1920 (H) x 1200 (V) not including 8
border pixels on each side
Pixel Size
2.8 mm
Color Filter Array
Monochrome
Chief Ray Angle
0 or 28
Shutter Type
Global Shutter
Input Clock Range
10–48 MHz
Output Interface
8−bit/10−bit MIPI 1, 2, or 4−lane
Output Data Rate
Maximum Serial Output Data Rate
850 Mbps/lane
Frame Rate Full Resolution
120 fps (10−bit)
Responsivity Monochrome
41.9 ke−/lux*s
SNRMAX
37 dB
Dynamic Range
65.3 dB
Supply Voltage
I/O
Digital
Analog
1.8 V
1.25 V
2.8 V
Power Consumption
252 mW, at 120 FPS, Full Resolution
Operating Temperature
(−30C < TJ < +85C)
Optimal Performance
Temperature Range
(0C < TJ < +60C)
Package Options
7.66 x 5.64 mm 62−ball CSP
qJA: 32C/W (Note 1)
qJB: 11C/W
Bare Die
1. qJA” is dependent on the customer module design and should not be used
for calculating junction temperature.
Features
 Superior Low−light and IR Performance
 8−bit/10−bit MIPI, 1/2/4−lane MIPI
8−bit/10−bit MIPI, 1/2/4−lane MIPI
 Automatic Black Level Calibration (ABLC)
 Horizontal and Vertical Mirroring,
Windowing and Pixel Binning
 5 x 5 Statistics Engine for On−chip Auto
Exposure Control for Any Programmable
Region of Interest (ROI)
 Flexible Control for Row and Column Skip
Mode
 On−chip Trigger Mode for Synchronization
 Built in Flash Control
 Two On Chip Phase Lock Loop (PLL)
 Context Switching
 1056 Bytes One−time Programmable
Memory (OTPM)
 Simple Two−wire Fast−mode + Serial
Interface
Applications
 Bar Code Scanner
 Factory Automation
 Autonomous Mobile Robot (AMR)
 Machine Vision
 3D Scanning
 Biometrics
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
Request Full Data Sheet
Non−NDA Data Sheet
Interested in what you see? If you would like
more detailed information, please request the
full version of our data sheet.
ODCSP62
CASE 570CY


Similar Part No. - AR0235CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0235CS ONSEMI-AR0235CS Datasheet
246Kb / 4P
1/2.8-inch 2 MP CMOS Digital Image Sensor with Global Shutter
October, 2024 - Rev. 3
AR0235CSSM00SMKA0-CP ONSEMI-AR0235CSSM00SMKA0-CP Datasheet
246Kb / 4P
1/2.8-inch 2 MP CMOS Digital Image Sensor with Global Shutter
October, 2024 - Rev. 3
AR0235CSSM00SMKA0-CP2 ONSEMI-AR0235CSSM00SMKA0-CP2 Datasheet
246Kb / 4P
1/2.8-inch 2 MP CMOS Digital Image Sensor with Global Shutter
October, 2024 - Rev. 3
AR0235CSSM00SMKA0-CR ONSEMI-AR0235CSSM00SMKA0-CR Datasheet
246Kb / 4P
1/2.8-inch 2 MP CMOS Digital Image Sensor with Global Shutter
October, 2024 - Rev. 3
AR0235CSSM00SMKAH3-GEVB ONSEMI-AR0235CSSM00SMKAH3-GEVB Datasheet
246Kb / 4P
1/2.8-inch 2 MP CMOS Digital Image Sensor with Global Shutter
October, 2024 - Rev. 3
More results

Similar Description - AR0235CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134 ONSEMI-AR0134 Datasheet
1Mb / 41P
Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com