Electronic Components Datasheet Search
  English  ▼

X  

NTMFS0D4N04XM Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS0D4N04XM
Description  MOSFET - Power, Single N-Channel, SO8-FL 40 V, 0.42 m, 509 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS0D4N04XM Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS0D4N04XM Datasheet HTML 1Page - ON Semiconductor NTMFS0D4N04XM Datasheet HTML 2Page - ON Semiconductor NTMFS0D4N04XM Datasheet HTML 3Page - ON Semiconductor NTMFS0D4N04XM Datasheet HTML 4Page - ON Semiconductor NTMFS0D4N04XM Datasheet HTML 5Page - ON Semiconductor NTMFS0D4N04XM Datasheet HTML 6Page - ON Semiconductor NTMFS0D4N04XM Datasheet HTML 7Page - ON Semiconductor NTMFS0D4N04XM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTMFS0D4N04XM
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA, TJ = 25°C
40
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
DV(BR)DSS/
DTJ
ID = 250 mA, Referenced to 25°C
14.9
mV/°C
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, TJ = 25°C
10
mA
VDS = 40 V, TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VGS = 20 V, VDS = 0 V
100
nA
ON CHARACTERISTICS
Drain−to−Source On Resistance
RDS(ON)
VGS = 10 V, ID = 50 A, TJ = 25°C
0.33
0.42
mW
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 330 mA, TJ = 25°C
2.5
3
3.5
V
Gate Threshold Voltage Temperature
Coefficient
DVGS(TH)/
DTJ
VGS = VDS, ID = 330 mA
−7.21
mV/°C
Forward Trans−conductance
gFS
VDS = 5 V, ID = 50 A
286
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VDS = 20 V, VGS = 0 V, f = 1 MHz
8577
pF
Output Capacitance
COSS
6090
Reverse Transfer Capacitance
CRSS
120
Output Charge
QOSS
VDD = 20 V, ID = 50 A, VGS = 10 V
183
nC
Total Gate Charge
QG(TOT)
133
Threshold Gate Charge
QG(TH)
25.2
Gate−to−Source Charge
QGS
37.2
Gate−to−Drain Charge
QGD
24.2
Gate Resistance
RG
f = 1 MHz
0.42
W
SWITCHING CHARACTERISTICS
Turn−On Delay Time
td(ON)
Resistive Load, VGS = 0/10 V,
VDD = 20 V, ID = 50 A, RG = 0 W
34.5
ns
Rise Time
tr
11.1
Turn−Off Delay Time
td(OFF)
49.4
Fall Time
tf
13
SOURCE−TO−DRAIN DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
IS = 50 A, VGS = 0 V, TJ = 25°C
0.79
1.2
V
IS = 50 A, VGS = 0 V, TJ = 125°C
0.63
Reverse Recovery Time
tRR
VGS = 0 V, IS = 50 A,
dI/dt = 100 A/ms, VDD = 20 V
94.4
ns
Charge Time
ta
55.3
Discharge Time
tb
39.1
Reverse Recovery Charge
QRR
316
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
DEVICE ORDERING INFORMATION
Device
Marking
Package
Shipping†
NTMFS0D4N04XMT1G
0D4N4
DFN5
(Pb−Free)
1500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com