Electronic Components Datasheet Search
  English  ▼

X  

MSC7119VM1200 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MSC7119VM1200
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119VM1200 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MSC7119VM1200 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7119VM1200 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7119VM1200 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7119VM1200 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7119VM1200 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7119VM1200 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC7119VM1200 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC7119VM1200 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC7119VM1200 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
MSC7119 10/100 Mbps Ethernet MAC Data Sheet, Rev. 6
Hardware Design Considerations
Freescale Semiconductor
46
3.3.6
Example Total Power Consumption
Using the examples in this section and assuming four peripherals and 10 I/O lines active, a total power consumption value is
estimated as the following:
PTOTAL = 324.0 + (4 × 4.32) + 326.3 + (10 × 5.44) + 64 = 784.98 mW
Eqn. 13
3.4
Reset and Boot
This section describes the recommendations for configuring the MSC7119 at reset and boot.
3.4.1
Reset Circuit
HRESET
is a bidirectional signal and, if driven as an input, should be driven with an open collector or open-drain device. For
an open-drain output such as HRESET, take care when driving many buffers that implement input bus-hold circuitry. The
bus-hold currents can cause enough voltage drop across the pull-up resistor to change the logic level to low. Either a smaller
value of pull-up or less current loading from the bus-hold drivers overcomes this issue. To avoid exceeding the MSC7119 output
current, the pull-up value should not be too small (a 1 K
Ω pull-up resistor is used in the MSC711xADS reference design).
3.4.2
Reset Configuration Pins
Table 34 shows the MSC7119 reset configuration signals. These signals are sampled at the deassertion (rising edge) of
PORESET
. For details, refer to the Reset chapter of the MSC711x Reference Manual.
Table 34. Reset Configuration Signals
Signal
Description
Settings
BM[3–0]
Determines boot mode.
See Table 35 for details.
SWTE
Determines watchdog functionality.
0
Watchdog timer disabled.
1
Watchdog timer enabled.
HDSP
Configures HDI16 strobe polarity.
0
Host Data strobes active low.
1
Host Data strobes active high.
H8BIT
Configures HDI16 operation mode.
0
HDI16 port configured for 16-bit operation.
1
HDI16 port configured for 8-bit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com