Electronic Components Datasheet Search
  English  ▼

X  

TC622 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC622
Description  Low Cost Single Trip Point Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC622 Datasheet(HTML) 4 Page - Microchip Technology

  TC622_06 Datasheet HTML 1Page - Microchip Technology TC622_06 Datasheet HTML 2Page - Microchip Technology TC622_06 Datasheet HTML 3Page - Microchip Technology TC622_06 Datasheet HTML 4Page - Microchip Technology TC622_06 Datasheet HTML 5Page - Microchip Technology TC622_06 Datasheet HTML 6Page - Microchip Technology TC622_06 Datasheet HTML 7Page - Microchip Technology TC622_06 Datasheet HTML 8Page - Microchip Technology TC622_06 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC622/TC624
DS21440C-page 4
© 2006 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin SOIC)
(8-Pin PDIP)
Symbol
Description
1
NC
No Internal Connection.
2OUT
Active low output.
3
OUT
Active high output.
4
GND
Ground Terminal.
5TSET
Temperature set point. Connect an external 1% resistor from TSET to VCC to set
trip point.
6
NC
No Internal Connection.
7VDD
Power supply input.
8
NC
No Internal Connection.
Pin No.
(5-Pin SOT-220)
Symbol
Description
1OUT
Active low output.
2
OUT
Active high output.
3VDD
Power supply input.
4
GND
Ground Terminal.
5TSET
Temperature set point. Connect an external 1% resistor from TSET to VCC to set
trip point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com