Electronic Components Datasheet Search
  English  ▼

X  

8104292 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8104292
Description  Dosing needle set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8104292 Datasheet(HTML) 1 Page - Festo Corporation.

  8104292 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dosing needle set
VAVN-N-A1.6-06-60-V1-P10
Part number: 8104292
General operating condition
Data sheet
Feature
Value
Pack size
10
Dosing needle outside diameter
1.6 mm
Length of dosing needle
60 mm
Nominal width of dosing needle
0.6 mm
Corrosion resistance class (CRC)
3 - High corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
For use in the food industry
See supplementary material information
Fluid connector
Clamped terminal connection
Medium
Liquid media
Gaseous media
Information on medium
Observe resistance of materials that come into contact with media
Maximum particle size 5 µm
Operating pressure
0 MPa ... 0.4 MPa
Operating pressure
0 bar ... 4 bar
Standard nominal flow rate
3.91 l/min
Note on standard nominal flow rate
At a pressure drop of 1 -> 0 bar (gaseous media)
Flow rate Kv
0.008 m³/h
Note on flow rate Kv
For the medium water
Temperature of medium
5 °C ... 60 °C
Ambient temperature
5 °C ... 60 °C
Storage temperature
-20 °C ... 70 °C
Mounting position
Any
Product weight
8.3 g
Note on materials
RoHS-compliant
Material of dosing needle
High-alloy stainless steel
Material number for dosing needle
1.4404
Materials in contact with the media
High-alloy stainless steel
9/9/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8104292

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8104290 FESTO-8104290 Datasheet
94Kb / 1P
Dosing needle set
8104291 FESTO-8104291 Datasheet
94Kb / 1P
Dosing needle set
8104293 FESTO-8104293 Datasheet
91Kb / 1P
Dosing needle set
8104294 FESTO-8104294 Datasheet
93Kb / 1P
Dosing needle set
8104295 FESTO-8104295 Datasheet
94Kb / 1P
Dosing needle set
More results

Similar Description - 8104292

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
AS-QTHA-0109-BR RALSTON-AS-QTHA-0109-BR Datasheet
299Kb / 1P
Needle valve assembly, brass
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
Needle valve assembly, stainless steel
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
Needle Tip, Replacement
logo
List of Unclassifed Man...
BU-50C ETC2-BU-50C Datasheet
53Kb / 1P
Meter Testing Clip With Needle
logo
Roithner LaserTechnik G...
FIELDMATE ROITHNER-FIELDMATE Datasheet
472Kb / 2P
analog needle for tuning
logo
PHOENIX CONTACT
1208856 PHOENIX-1208856 Datasheet
54Kb / 3P
Tool set - TOOL DATA SET
1212538 PHOENIX-1212538 Datasheet
47Kb / 2P
Tool set - SF-TXH SET
1212543 PHOENIX-1212543 Datasheet
53Kb / 2P
Tool set - SF-M SET
1212544 PHOENIX-1212544 Datasheet
48Kb / 3P
Tool set - SF-LHEX SET
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com