Electronic Components Datasheet Search
  English  ▼

X  

TDA8552T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8552T
Description  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8552T Datasheet HTML 4Page - NXP Semiconductors TDA8552T Datasheet HTML 5Page - NXP Semiconductors TDA8552T Datasheet HTML 6Page - NXP Semiconductors TDA8552T Datasheet HTML 7Page - NXP Semiconductors TDA8552T Datasheet HTML 8Page - NXP Semiconductors TDA8552T Datasheet HTML 9Page - NXP Semiconductors TDA8552T Datasheet HTML 10Page - NXP Semiconductors TDA8552T Datasheet HTML 11Page - NXP Semiconductors TDA8552T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1998 Jun 02
8
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
See Section “Thermal design considerations” in Chapter “Test and application information”.
Table 1
Power rating; note 1
Note
1. The power rating is based on Rth(j-a) with recommended copper pattern of at least 4 × 1cm2 to the corner leads and
copper under the IC package.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
operating
−0.3
+5.5
V
Vi
input voltage
−0.3
VDD + 0.3
V
IORM
repetitive peak output current
−
1A
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Vsc
AC and DC short-circuit safe voltage
−
5.5
V
Ptot
maximum power dissipation
SO20
−
2.2
W
SSOP20
−
1.1
W
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
for the TDA8552T (SO20)
in free air
60
K/W
extra copper
55
K/W
for the TDA8552TS (SSOP20)
in free air
110
K/W
extra copper
80
K/W
VDD (V)
RL (Ω)
Po (W)
THD = 10%
OPERATION
MUSIC POWER
Pmax (W)
Tamb(max) (°C)
SO20
SSOP20
3.3
4
0.9
BTL
0.55
120
106
3.3
8
0.6
BTL
0.28
134
127
3.3
16
0.3
BTL
0.14
142
139
3.3
32SE
0.035
headphone
0.03
150
150
5.0
4
2.0
BTL
1.25
81
50
5.0
8
1.4
BTL
0.65
114
98
5.0
16
0.8
BTL
0.32
132
124
5.0
32SE
0.09
headphone
0.07
146
144
continuous sine wave
3.3
4
0.9
BTL
1.1
89
62
5
8
1.4
BTL
1.25
81
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com