Electronic Components Datasheet Search
  English  ▼

X  

77052 Datasheet(PDF) 1 Page - Alpha Wire

Part # 77052
Description  28 (7/36) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

77052 Datasheet(HTML) 1 Page - Alpha Wire

  77052 Datasheet HTML 1Page - Alpha Wire 77052 Datasheet HTML 2Page - Alpha Wire 77052 Datasheet HTML 3Page - Alpha Wire 77052 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 77052
Construction
 
Diameters (In)
1) Component 1
2 X 1 COND
 
a) Conductor
28 (7/36) AWG Tinned Copper
0.015
b) Insulation
0.010" Wall, Nom. MPPE
0.035
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
BROWN
 
2) Cable Assembly
2 Components Cabled
 
a) Twists:
16.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Jacket
0.032" Wall, Nom.,MPPE
0.138 (0.147 Max.)
a) Color(s)
SLATE
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 77052 2C 28 AWG
ECOCABLE(R) RU AWM 21915 105C 600V
C(RU) AWM I/II A/B FT2 600V 105C
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications
1) UL
 
 
a) Component 1
AWM/STYLE 11231
105°C / 600 VRMS
b) Overall
AWM/STYLE 21915
105°C / 600 VRMS
 
Horizontal Flame
 
2) CSA International
C(RU) AWM I/II A/B FT2
105°C / 600 VRMS
3) Other
Halogen-Free
 
 
NFPA 79 - 2015 Compliant
 
4) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - 77052

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
KATHREIN Solutions GmbH
770520 KATHREIN-770520 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
logo
TE Connectivity Ltd
770520-1 TEC-770520-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results

Similar Description - 77052

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
Molex Electronics Ltd.
0082285809 MOLEX1-0082285809_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285810 MOLEX1-0082285810_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285812 MOLEX1-0082285812_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285813 MOLEX1-0082285813_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285814 MOLEX1-0082285814_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285815 MOLEX1-0082285815_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285816 MOLEX1-0082285816_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285818 MOLEX1-0082285818_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com