Electronic Components Datasheet Search
  English  ▼

X  

TDA8552 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8552
Description  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8552 Datasheet HTML 14Page - NXP Semiconductors TDA8552 Datasheet HTML 15Page - NXP Semiconductors TDA8552 Datasheet HTML 16Page - NXP Semiconductors TDA8552 Datasheet HTML 17Page - NXP Semiconductors TDA8552 Datasheet HTML 18Page - NXP Semiconductors TDA8552 Datasheet HTML 19Page - NXP Semiconductors TDA8552 Datasheet HTML 20Page - NXP Semiconductors TDA8552 Datasheet HTML 21Page - NXP Semiconductors TDA8552 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1998 Jun 02
18
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
Fig.10 THD as a function of Po.
VDD = 5 V; RL =8 Ω; Gv = 20 dB (max.).
(1) f = 10 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
handbook, halfpage
10
10−1
1
10−2
MGR009
10−2
10−1
110
THD
(%)
Po (W)
(2)
(3)
(1)
Fig.11 THD as a function of Po.
VDD = 5 V; RL =8 Ω; Gv = 30 dB (max.).
(1) f = 10 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
handbook, halfpage
10
10−1
1
10−2
MGR010
10−2
10−1
110
THD
(%)
Po (W)
(2)
(3)
(1)
Fig.12 THD as a function of frequency.
VDD = 5 V; RL =8 Ω; Po = 0.1 W; Gv = 20 dB (max.).
(1) Gv = 0 dB.
(2) Gv = 7 dB.
(3) Gv =20dB.
handbook, halfpage
10
10−1
1
10−2
THD
(%)
MGR011
10
102
103
104
105
f (Hz)
(2)
(3)
(1)
Fig.13 THD as a function of frequency.
VDD = 5 V; RL =8 Ω; Po = 0.1 W; Gv = 30 dB (max.).
(1) Gv = 0 dB.
(2) Gv = 7 dB.
(3) Gv =30dB.
handbook, halfpage
10
10−1
1
10−2
THD
(%)
MGR012
10
102
103
104
105
f (Hz)
(2)
(3)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com