Electronic Components Datasheet Search
  English  ▼

X  

HL6740FG Datasheet(PDF) 1 Page - Opnext. Inc.

Part # HL6740FG
Description  Dual Beam Visible Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6740FG Datasheet(HTML) 1 Page - Opnext. Inc.

  HL6740FG Datasheet HTML 1Page - Opnext. Inc. HL6740FG Datasheet HTML 2Page - Opnext. Inc. HL6740FG Datasheet HTML 3Page - Opnext. Inc. HL6740FG Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.0 Feb. 24, 2006 page 1 of 4
HL6740FG
Dual Beam Visible Laser Diode
ODE-208-024 (Z)
Rev.0
Feb. 24, 2006
Description
The HL6740FG is a 0.67
µm band AlGaInP laser diode with a multi-quantum well (MQW) structure. It is an array of
two individual beams on one chip. Therefore, it is suitable as a light source for a high-speed printer, such as PPC and
LBP, and so on.
Features
• Continuous operating output to each beam: 5 mW CW
• Visible light output: 675 nm Typ
• Difference of wavelength between 2 beams
: 3 nm Max
• Low threshold current: 35 mA Typ
Internal Circuit
Package Type
• HL6740FG: FG
LDB
1
3
2
4
LDA
PD
Absolute Maximum Ratings
(TC = 25°C)
Item
Symbol
Ratings
Unit
Optical output power
PO
5
mW
Pulse optical output power
PO(pulse)
6*
mW
LD reverse voltage
VR(LD)
2
V
PD reverse voltage
VR(PD)
30
V
Operating temperature
Topr
–10 to +50
°C
Storage temperature
Tstg
–40 to +85
°C
Note:
Pulse condition : Pulse width
≤ 1 µs, duty ≤ 50%
Optical and Electrical Characteristics
(TC = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Threshold current
Ith
—
35
50
mA
—
LD Operating current
IOP
—
—
75
mA
PO = 5 mW
LD Operating voltage
VOP
—
2.3
2.7
V
PO = 5 mW
Slope efficiency
ηs
0.2
0.4
0.6
mW/mA
3 (mW) / (I(4mW) – I(1mW))
Beam divergence
parallel to the junction
θ//
6.5
8
11
°
PO = 5 mW
Beam divergence
perpendicular to the junction
θ⊥
20
30
36
°
PO = 5 mW
Lasing wavelength
λp
665
675
680
nm
PO = 5 mW
Difference of wavelength *
2
∆λp
—
—
3.0
nm
PO = 5 mW
Monitor current
Is
1.0
—
4.0
mA
PO = 5 mW, VR(RD) = 5V
Notes: 1. The characteristics are specified under the condition of a single beam operation unless otherwise specified.
2.
∆λp is specified as absolute value of the difference between two beams operated every beam.


Similar Part No. - HL6740FG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6712G HITACHI-HL6712G Datasheet
31Kb / 5P
0.67 um band AlGaInP index-guided laser diode with a double heterostructure
HL6714G HITACHI-HL6714G Datasheet
154Kb / 7P
AlGaInP Laser Diode
logo
Opnext. Inc.
HL6714G OPNEXT-HL6714G Datasheet
93Kb / 4P
AlGaInP Laser Diode
logo
Hitachi Semiconductor
HL6724MG HITACHI-HL6724MG Datasheet
24Kb / 5P
The HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well (MQW) structure
logo
Opnext. Inc.
HL6724MG OPNEXT-HL6724MG Datasheet
92Kb / 4P
AlGaInP Laser Diode
More results

Similar Description - HL6740FG

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1121VS SONY-SLD1121VS Datasheet
51Kb / 6P
5mW Visible Laser Diode
SLD1122VS SONY-SLD1122VS Datasheet
56Kb / 6P
5mW Visible Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
List of Unclassifed Man...
ADL-66201TL ETC2-ADL-66201TL Datasheet
409Kb / 2P
Visible Laser Diode
logo
Roithner LaserTechnik G...
QL65J7SA ROITHNER-QL65J7SA Datasheet
181Kb / 3P
Visible Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
RLT650_200G ROITHNER-RLT650_200G Datasheet
186Kb / 3P
High Power Visible Laser Diode
RLT6530G ROITHNER-RLT6530G Datasheet
82Kb / 1P
Visible Laser Diode
RLT635-100GPD ROITHNER-RLT635-100GPD Datasheet
186Kb / 3P
high power visible laser diode
logo
Renesas Technology Corp
NDL3321ST RENESAS-NDL3321ST Datasheet
187Kb / 10P
VISIBLE LASER DIODE
1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com