Electronic Components Datasheet Search
  English  ▼

X  

GSB1386 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSB1386
Description  P N P E PI TA XI A L SI L I C O N T R A N SI S T O R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSB1386 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSB1386 Datasheet HTML 1Page - GTM CORPORATION GSB1386 Datasheet HTML 2Page - GTM CORPORATION GSB1386 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
G
G S
S B
B 11338866 PPNNPP EEPPIITTAAXXIIAALL SSIILLIICCOONN TTRRAANNSSIISSTTOORR
Description
The GSB1386 is a epitaxial planar type PNP silicon transistor .
Features
*Low VCE(sat). VCE(sat) = -0.35V(Typ.) (IC/IB = -4A / -0.1A).
*Excellent DC current gain characteristics.
*Complements the GSD2098/GSD2118/GSD2097.
Package Dimensions
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Absolute Maximum Ratings (Ta = 25 : ,unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
-30
V
Collector to Emitter Voltage
VCEO
-20
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current(DC)
-5
A
Collector Current(PULSE)
(note1)
IC
-10
A
Collector Power Dissipation
0.5
W
Collector Power Dissipation (note2)
PD
2
W
* 1. Single pulse, PW=100ms.
* 2 .When mounted on a 40*40*0.7 mm ceramic board.
Electrical Characteristics (Ta = 25 : ,unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-30
-
-
V
IC=-50uA
BVCEO
-20
-
-
V
IC=-1mA
BVEBO
-6
-
-
V
IE=-50uA
ICBO
-
-
-0.5
uA
VCB=-20V
IEBO
-
-
-0.5
uA
VEB=-5V
VCE(sat)
-
-
-1
V
IC=-4A, IB=-0.1A
hFE
82
-
390
VCE=-2V, IC=-0.5A
fT
-
120
-
MHz
VCE=-6V, IE=-50mA, f=30MHz
Cob
-
60
-
pF
VCB=-20V, IE=0A, f=1MHz
Note: Measured using pulse current.
Classification Of hFE
Rank
P
Q
R
RANGE
82 - 180
120 - 270
180 - 390


Similar Part No. - GSB1386

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB11110KEU AMPHENOL-GSB11110KEU Datasheet
210Kb / 2P
UNIVERSAL SERIAL BUS RECEPTACLE SERIES A STANDARD STRAIGHT PCB MOUNT
GSB11121KEU AMPHENOL-GSB11121KEU Datasheet
210Kb / 2P
UNIVERSAL SERIAL BUS RECEPTACLE SERIES A STANDARD STRAIGHT PCB MOUNT
logo
GTM CORPORATION
GSB1132 GTM-GSB1132 Datasheet
258Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GSB1132 ETL-GSB1132 Datasheet
261Kb / 3P
The GSB1132 is a epitaxial planar type PNP silicon transistor
logo
ABB
GSB128 ABB-GSB128 Datasheet
208Kb / 2P
2-PC INNER SLVE CONN SLV I.D. 0.128
More results

Similar Description - GSB1386

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI1182 ETL-GI1182 Datasheet
283Kb / 2P
P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GM1426 ETL-GM1426 Datasheet
179Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S T O R
GM3904 ETL-GM3904 Datasheet
229Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S T O R
GM4132 ETL-GM4132 Datasheet
292Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GSD669A ETL-GSD669A Datasheet
230Kb / 3P
N P N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBT2222A ETL-GSMBT2222A Datasheet
155Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBT2907A ETL-GSMBT2907A Datasheet
149Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S T O R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com