Electronic Components Datasheet Search
  English  ▼

X  

HL6325G Datasheet(PDF) 1 Page - Opnext. Inc.

Part # HL6325G
Description  AlGaInP Laser Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6325G Datasheet(HTML) 1 Page - Opnext. Inc.

  HL6325G Datasheet HTML 1Page - Opnext. Inc. HL6325G Datasheet HTML 2Page - Opnext. Inc. HL6325G Datasheet HTML 3Page - Opnext. Inc. HL6325G Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.0 Jul. 01, 2005 page 1 of 4
HL6325G/26G
AlGaInP Laser Diodes
ODE-208-030 (Z)
Rev.0
Jul. 01, 2005
Description
The HL6325G/26G are 0.63
µm band AlGaInP laser diodes with a multi-quantum well (MQW) structure. They are
suitable as light sources for laser levelers, laser scanners and optical equipment for measurement.
Features
• Visible light output
: 635 nm Typ
• Single longitudinal mode
• Optical output power : 5 mW CW
• Low operating current : 40 mA Typ
• Low operating voltage: 2.4 V Max
• Operating temperature : +60°C
• TM mode oscillation
LD
PD
1
3
2
Internal Circuit
• HL6325G
Internal Circuit
• HL6326G
Package Type
• HL6325G/26G: G2
LD
3
2
PD
1
Absolute Maximum Ratings
(TC = 25°C)
Item
Symbol
Ratings
Unit
Optical output power
PO
5
mW
Pulse optical output power
PO(pulse)
2
mW
PD reverse voltage
VR(PD)
30
V
Operating temperature
Topr
–10 to +60
°C
Storage temperature
Tstg
–40 to +85
°C
Optical and Electrical Characteristics
(TC = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Threshold current
Ith
—
30
50
mA
—
Operating current
IOP
—
40
60
mA
PO = 5 mW
Operating voltage
VOP
—
2.2
2.4
V
PO = 5 mW
Slope efficiency
ηs
0.3
0.5
0.8
mW/mA
3 (mW) / (I(4mW) – I(1mW))
Beam divergence
parallel to the junction
θ//
6
8
11
°
PO = 5 mW
Beam divergence
perpendicular to the junction
θ⊥
25
31
37
°
PO = 5 mW
Lasing wavelength
λp
630
635
640
nm
PO = 5 mW
Monitor current
IS
0.05
0.10
0.25
mA
PO = 5 mW, VR(PD) = 5 V


Similar Part No. - HL6325G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6325G HITACHI-HL6325G Datasheet
36Kb / 8P
Low Operating Current Visible Laser Diode
More results

Similar Description - HL6325G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6320G HITACHI-HL6320G Datasheet
28Kb / 6P
AlGaInP Laser Diodes
HL6312G HITACHI-HL6312G Datasheet
35Kb / 6P
AlGaInP Laser Diodes
logo
Opnext. Inc.
HL6312G OPNEXT-HL6312G Datasheet
93Kb / 4P
AlGaInP Laser Diodes
HL6314MG OPNEXT-HL6314MG Datasheet
93Kb / 4P
AlGaInP Laser Diodes
HL6316G OPNEXT-HL6316G Datasheet
93Kb / 4P
AlGaInP Laser Diodes
HL6319G OPNEXT-HL6319G Datasheet
94Kb / 4P
AlGaInP Laser Diodes
HL6321G OPNEXT-HL6321G Datasheet
95Kb / 4P
AlGaInP Laser Diodes
HL6327MG OPNEXT-HL6327MG Datasheet
94Kb / 4P
AlGaInP Laser Diodes
HL6556MG OPNEXT-HL6556MG Datasheet
80Kb / 3P
AlGaInP Laser Diodes
HL6557MG OPNEXT-HL6557MG Datasheet
80Kb / 3P
AlGaInP Laser Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com