Electronic Components Datasheet Search
  English  ▼

X  

TC911A Datasheet(PDF) 2 Page - Microchip Technology

Part # TC911A
Description  Monolithic Auto-Zeroed Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC911A Datasheet(HTML) 2 Page - Microchip Technology

  TC911A_05 Datasheet HTML 1Page - Microchip Technology TC911A_05 Datasheet HTML 2Page - Microchip Technology TC911A_05 Datasheet HTML 3Page - Microchip Technology TC911A_05 Datasheet HTML 4Page - Microchip Technology TC911A_05 Datasheet HTML 5Page - Microchip Technology TC911A_05 Datasheet HTML 6Page - Microchip Technology TC911A_05 Datasheet HTML 7Page - Microchip Technology TC911A_05 Datasheet HTML 8Page - Microchip Technology TC911A_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC911A/TC911B
DS21481C-page 2
© 2005 Microchip Technology Inc.
General Description
The TC911 CMOS auto-zeroed operational amplifier is
the first complete monolithic chopper stabilized ampli-
fier. Chopper operational amplifiers like the ICL7650/
7652 and LTC1052 require user supplied, external off-
set compensation storage capacitors. External capac-
itors are not required with the TC911. Just as easy
to use as the conventional OP07 type amplifier, the
TC911 significantly reduces offset voltage errors.
Pinout matches the OP07/741/7650 8-pin mini-DIP
configuration.
Several system benefits arise by eliminating the exter-
nal chopper capacitors: lower system parts count,
reduced assembly time and cost, greater system reli-
ability, reduced PC board layout effort and greater
board area utilization. Space savings can be significant
in multiple amplifier designs.
Electrical specifications include 15
μV maximum offset
voltage and 0.15
μV/°C maximum offset voltage tem-
perature co-efficient. Offset voltage error is five times
lower than the premium OP07E bipolar device. The
TC911 improves offset drift performance by eight
times.
The TC911 operates from dual or single power sup-
plies. Supply current is typically 350
μA. Single 4.5V to
16V supply operation is possible, making single 9V bat-
tery operation possible. The TC911 is available in 2
package types: 8-pin plastic DIP and SOIC.
Functional Block Diagram
+
–
+
–
VDD
V
SS
TC911A
TC911B
-Input
+Input
A
2
3
47
B
*
*
A
B
6
Main Amplifier
Low Impedance
Output Buffer
Internal Oscillator
(FOSC
200HZ)
VOS
Correction Amplifier
+
–
Output
Note: Internal capacitors. No external capacitors required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com