Electronic Components Datasheet Search
  English  ▼

X  

TC9402 Datasheet(PDF) 20 Page - Microchip Technology

Part # TC9402
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9402 Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC9402 Datasheet HTML 16Page - Microchip Technology TC9402 Datasheet HTML 17Page - Microchip Technology TC9402 Datasheet HTML 18Page - Microchip Technology TC9402 Datasheet HTML 19Page - Microchip Technology TC9402 Datasheet HTML 20Page - Microchip Technology TC9402 Datasheet HTML 21Page - Microchip Technology TC9402 Datasheet HTML 22Page - Microchip Technology TC9402 Datasheet HTML 23Page - Microchip Technology TC9402 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TC9400/9401/9402
DS21483C-page 20
© 2006 Microchip Technology Inc.
9.3
Package Dimensions (Continued)
Dimensions: inches (mm)
.260 (6.60)
.240 (6.10)
.770 (19.56)
.745 (18.92)
.310 (7.87)
.290 (7.37)
.040 (1.02)
.020 (0.51)
.070 (1.78)
.045 (1.14)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
Pin 1
14-Pin PDIP (Narrow)
.015 (0.38)
.008 (0.20)
3° Min.
.400 (10.16)
.310 (7.87)
Dimensions: inches (mm)
.344 (8.74)
.337 (8.56)
.157 (3.99)
.150 (3.81)
.244 (6.20)
.228 (5.79)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.004 (0.10)
.050 (1.27) Typ.
.018 (0.46)
.014 (0.36)
8° Max.
.010 (0.25)
.007 (0.18)
.050 (1.27)
.016 (0.40)
Pin 1
14-Pin SOIC (Narrow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com