Electronic Components Datasheet Search
  English  ▼

X  

TDA8563AQ Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8563AQ
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563AQ Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8563AQ Datasheet HTML 8Page - NXP Semiconductors TDA8563AQ Datasheet HTML 9Page - NXP Semiconductors TDA8563AQ Datasheet HTML 10Page - NXP Semiconductors TDA8563AQ Datasheet HTML 11Page - NXP Semiconductors TDA8563AQ Datasheet HTML 12Page - NXP Semiconductors TDA8563AQ Datasheet HTML 13Page - NXP Semiconductors TDA8563AQ Datasheet HTML 14Page - NXP Semiconductors TDA8563AQ Datasheet HTML 15Page - NXP Semiconductors TDA8563AQ Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1997 Feb 20
12
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563AQ
Fig.9 Output power as a function of supply voltage; f = 1 kHz; RL =2 Ω.
(1) THD = 30%.
(2) THD = 10%.
(3) THD = 0.5%.
handbook, full pagewidth
18
70
0
810
12
14
16
MGA905
10
20
30
40
Po
(W)
V
(V)
P
(3)
(2)
50
60
(1)
Fig.10 Output power as a function of frequency; THD = 0.5%; VP = 14.4 V; RL =2 Ω.
handbook, full pagewidth
23
10 5
MLB668
10 4
10 3
10 2
10
25
27
29
31
f (Hz)
Po
(W)
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com