Electronic Components Datasheet Search
  English  ▼

X  

TC651BFUATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # TC651BFUATR
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TC651BFUATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TC651BFUATR Datasheet HTML 4Page - STMicroelectronics TC651BFUATR Datasheet HTML 5Page - STMicroelectronics TC651BFUATR Datasheet HTML 6Page - STMicroelectronics TC651BFUATR Datasheet HTML 7Page - STMicroelectronics TC651BFUATR Datasheet HTML 8Page - STMicroelectronics TC651BFUATR Datasheet HTML 9Page - STMicroelectronics TC651BFUATR Datasheet HTML 10Page - STMicroelectronics TC651BFUATR Datasheet HTML 11Page - STMicroelectronics TC651BFUATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC650/TC651
DS21450C-page 8
 2004 Microchip Technology Inc.
4.6
Temperature Selection Guide
(Minimum Fan Speed/Full Speed)
There are two temperature thresholds that determine
the characteristics of the device. The minimum fan
speed temperature (TL) and the full fan speed temper-
ature (TH). Depending on the TC65X device selected,
when the temperature is below the TL trip point, the
PWM output will perform a different operation. For the
TC650, the PWM will be driven at the minimum PWM
frequency, while the TC651 will shut down the PWM
(PWM = L).
TL and TH can be selected in 5°C increments. TL can
range from 25°C to 35°C. TH can range from 35°C to
55°C and must be 10°C (or more) than the specified TL.
The five temperature regions defined by the six
thresholds are defined in the TC650/TC651 by means of
factory trimming. Once a TL and TH are set, the T1 – T4
thresholds are automatically equally spaced between TL
and TH. Table 4-1 shows these 5 regions and what the
corresponding PWM duty cycle is.
TABLE 4-1:
TEMPERATURE RANGE
DEFINITION
Table 4-2 shows the device codes that specify the TH
and TL temperature thresholds. The following exam-
ples are given to assist in understanding the device-
ordering nomenclature.
Example 1: Suppose you wanted the fan to run at
40% speed at 25°C or less and go to full-
speed at 45°C. You would order the part
number TC650AEVUA.
Example 2: Suppose you wanted the fan to turn on at
30°C and go to full speed at 45°C. You
would order the part number
TC651BEVUA.
TABLE 4-2:
DEVICE CODES FOR
TEMPERATURE
THRESHOLDS
Temperature
(T = TJ)
(Note 1)
PWM Duty Cycle
TC650
(Minimum
Speed mode)
TC651
(Auto-shutdown
mode)
T < TL
40%
Off
TL< = T < T1
50%
50%
T1 < = T < T2
60%
60%
T2 < = T <T3
70%
70%
T3 < = T < T4
80%
80%
T4 < = T < TH
90%
90%
TH < = T < TOV
100%
100%
TOV < = T
100% with Overtemperature Alert
(TOVER = L)
Note 1:
The temperature regions defined by the
six temperature thresholds are pre-
defined in the TC650/TC651 by means of
factory trimming. Once a TL and TH are
programmed, the T1 – T4 thresholds are
automatically equally spaced between TL
and TH.
Temp.
Threshold
Difference
TL
TH
Threshold
Limits Code
10°C
25
35
AC (1)
30
40
BD (2)
35
45
CE (2)
15°C
25
40
AD (2)
30
45
BE (1)
35
50
CF (2)
20°C
25
45
AE (1)
30
50
BF (2)
35
55
CG (1)
30°C
25
55
AG (1)
Note 1:
This temperature threshold option is
available for ordering.
2:
This is a custom temperature threshold
option. Please contact the factory for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com