Electronic Components Datasheet Search
  English  ▼

X  

HL6714G Datasheet(PDF) 2 Page - Opnext. Inc.

Part # HL6714G
Description  AlGaInP Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6714G Datasheet(HTML) 2 Page - Opnext. Inc.

  HL6714G Datasheet HTML 1Page - Opnext. Inc. HL6714G Datasheet HTML 2Page - Opnext. Inc. HL6714G Datasheet HTML 3Page - Opnext. Inc. HL6714G Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL6714G
Rev.0 Oct. 17, 2006 page 2 of 4
Typical Characteristic Curves
Optical Output Power vs. Forward Current
10
8
6
4
2
0
0
20
40
100
80
60
Forward current, IF (mA)
TC = 0°C
25°C
50°C
Far Field Pattern
-40
-20
40
20
0
Angle,
θ ( ° )
PO = 10 mW
TC = 25°C
Parallel
Perpendicular
Case temperature, TC (°C)
Slope Efficiency vs. Case Temperature
1.0
0.8
0.6
0.4
0.2
0
010
20
50
40
30
60
Case temperature, TC (°C)
Monitor Current vs. Case Temperature
1.0
0.8
0.6
0.4
0.2
0
010
20
50
40
30
60
PO =10 mW
VR(PD) = 5 V
Case temperature, TC (°C)
Wavelength vs. Case Temperature
685
680
675
670
665
660
010
20
50
40
30
60
PO =10 mW
Threshold Current vs. Case Temperature
100
010
20
60
40
30
Case temperature, TC (°C)
50
50
30
20
-30
-10
10
30
1.0
0.8
0.6
0.4
0.2
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com