Electronic Components Datasheet Search
  English  ▼

X  

TC7660EPA Datasheet(PDF) 15 Page - Microchip Technology

Part # TC7660EPA
Description  5V To 짹10V Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EPA Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC7660EPA Datasheet HTML 10Page - Microchip Technology TC7660EPA Datasheet HTML 11Page - Microchip Technology TC7660EPA Datasheet HTML 12Page - Microchip Technology TC7660EPA Datasheet HTML 13Page - Microchip Technology TC7660EPA Datasheet HTML 14Page - Microchip Technology TC7660EPA Datasheet HTML 15Page - Microchip Technology TC7660EPA Datasheet HTML 16Page - Microchip Technology TC7660EPA Datasheet HTML 17Page - Microchip Technology TC7660EPA Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21486C-page 15
TCM680
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
TCM680:
Charge Pump Converter
Temperature Range:
C
=
0°C to +70°C
E
=
-40°C to +85°C
Package:
PA
= Plastic DIP (300 mil Body), 8-lead
OA
= Plastic SOIC, (150 mil Body), 8-lead
OATR = Plastic SOIC, (150 mil Body), 8-lead
(Tape and Reel)
Examples:
a)
TCM680COA: Charge Pump Converter,
SOIC pkg, 0°C to +70°C.
b)
TCM680COATR: Charge Pump Converter,
SOIC pkg, 0°C to +70°C, Tape and Reel.
c)
TCM680CPA: Charge Pump Converter,
PDIP pkg, 0°C to +70°C.
d)
TCM680EOA: Charge Pump Converter,
SOIC pkg, -40°C to +85°C.
e)
TCM680EOATR: Charge Pump Converter,
SOIC pkg, -40°C to +85°C, Tape and Reel.
f)
TCM680EPA: Charge Pump Converter,
PDIP pkg, -40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com