Electronic Components Datasheet Search
  English  ▼

X  

HL8325G Datasheet(PDF) 2 Page - Opnext. Inc.

Part # HL8325G
Description  GaAlAs Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL8325G Datasheet(HTML) 2 Page - Opnext. Inc.

  HL8325G Datasheet HTML 1Page - Opnext. Inc. HL8325G Datasheet HTML 2Page - Opnext. Inc. HL8325G Datasheet HTML 3Page - Opnext. Inc. HL8325G Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL8325G
Rev.1 May 08, 2007 page 2 of 4
Typical Characteristic Curves
0200
160
120
80
40
50
40
30
20
10
0
60°C
25°C
TC = 0°C
0
1020304050
10
100
20
30
50
60
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
60
0
10
20
30
40
50
0
20
40
60
80
100
60
0
10
20
30
40
50
820
825
835
840
830
60
845
PO = 4 mW
VR(PD) = 5 V
PO = 40 mW
Optical Output Power vs. Foward Current
Foward current, IF (mA)
Threshold Current vs. Case Temperature
Case temperature, TC (°C)
Slope Efficiency vs. Case Temperature
Case temperature, TC (°C)
Case temperature, TC (°C)
Monitor Current vs. Case Temprature
Lasing Wavelength vs. Case Temperature
Case temperature, TC (°C)
Angle,
θ ( ° )
-20
-40
020
40
PO = 40 mW
TC = 25°C
Perpendicular
Parallel
Far Field Pattern
-30
-10
10
30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com