Electronic Components Datasheet Search
  English  ▼

X  

TC1682 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1682
Description  Inverting Charge Pump Voltage Doublers with Active High Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1682 Datasheet(HTML) 1 Page - Microchip Technology

  TC1682_05 Datasheet HTML 1Page - Microchip Technology TC1682_05 Datasheet HTML 2Page - Microchip Technology TC1682_05 Datasheet HTML 3Page - Microchip Technology TC1682_05 Datasheet HTML 4Page - Microchip Technology TC1682_05 Datasheet HTML 5Page - Microchip Technology TC1682_05 Datasheet HTML 6Page - Microchip Technology TC1682_05 Datasheet HTML 7Page - Microchip Technology TC1682_05 Datasheet HTML 8Page - Microchip Technology TC1682_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Microchip Technology Inc.
DS21537C-page 1
TC1682/TC1683/TC1684
Features
• Small 8-Pin MSOP Package
• Operates from 1.8V to 5.5V
• 120 Ohms (typ) Output Resistance
• 99% Voltage Conversion Efficiency
• Only 3 External Capacitors Required
• Power-Saving Shutdown Mode
• Low Active Supply Current
-95
μA (typ) for TC1682
-225
μA (typ) for TC1683
-700
μA (typ) for TC1684
• Fully Compatible with 1.8V Logic Systems
Applications
• LCD Panel Bias
• Cellular Phones PA Bias
• Pagers
• PDAs, Portable Data Loggers
• Battery-Powered Devices
Device Selection Table
Package Type
General Description
The TC1682/TC1683/TC1684 are CMOS charge pump
converters that provide an inverted doubled output
from a single positive supply. An on-board oscillator
provides the clock and only three external capacitors
are required for full circuit implementation. Switching
frequencies are 12kHz for the TC1682, 35kHz for the
TC1683, and 125kHz for the TC1684. When the SHDN
pin is held at a logic high, the device goes into a very
low power mode of operation consuming less than 1
μA
(typ) of supply current.
Low output source impedance (typically
120
Ω),
provides output current up to 10mA. The TC1682/
TC1683/TC1684 feature a 1.8V to 5.5V operating
voltage range and high efficiency, which make them an
ideal choice for a wide variety of applications requiring
a negative doubled voltage derived from a single
positive supply (for example: generation of -7.2V from
a +3.6V lithium cell or -10V generated from a +5V logic
supply).
The minimum external part count, small physical size
and shutdown mode feature make this family of
products useful for a wide variety of negative bias
power supply applications.
Functional Block Diagram
Part
Number
Package
Osc.
Freq.
(kHz)
Operating
Temp.
Range
TC1682EUA
8-Pin MSOP
12
-40°C to +85°C
TC1683EUA
8-Pin MSOP
35
-40°C to +85°C
TC1684EUA
8-Pin MSOP
125
-40°C to +85°C
1
2
3
4
8
7
6
5
TC1682
TC1683
TC1684
VOUT
SHDN
VIN
C2–
GND
C1–
C1+
C2+
8-Pin MSOP
C1+
C2+
VIN
C1–
C2
C2–
C1
TC1682
TC1683
TC1684
VOUT
+
+
+
– C
OUT
Input
GND
C1 must have a voltage rating
≥ VIN
C2 and COUT must have a voltage rating ≥ 2VIN
VOUT = -(2 x VIN)
SHDN
ON
OFF
Inverting Charge Pump Voltage Doublers with Active High Shutdown
Obsolete Device


Similar Part No. - TC1682_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1682EUA MICROCHIP-TC1682EUA Datasheet
406Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
More results

Similar Description - TC1682_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
2002
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com