Electronic Components Datasheet Search
  English  ▼

X  

MCP2120 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2120_07 Datasheet HTML 13Page - Microchip Technology MCP2120_07 Datasheet HTML 14Page - Microchip Technology MCP2120_07 Datasheet HTML 15Page - Microchip Technology MCP2120_07 Datasheet HTML 16Page - Microchip Technology MCP2120_07 Datasheet HTML 17Page - Microchip Technology MCP2120_07 Datasheet HTML 18Page - Microchip Technology MCP2120_07 Datasheet HTML 19Page - Microchip Technology MCP2120_07 Datasheet HTML 20Page - Microchip Technology MCP2120_07 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21618B-page 17
MCP2120
4.3
Timing Diagrams and Specifications
FIGURE 4-3:
External Clock Timing
TABLE 4-3:
EXTERNAL CLOCK TIMING REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 4.1 “DC
Characteristics”
Param.
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
1TOSC
External CLKIN Period (2,3)
50
—
—
ns
Oscillator Period (2)
50
—
500
ns
1A
FOSC
External CLKIN
Frequency (2,3)
DC
—
20
MHz
Oscillator Frequency (2)
2—
20
MHz
1C
ECLK
Clock Error
—
—
0.01
%
3TosL,
TosH
Clock in (OSC1)
Low or High Time
10
—
—
ns
4TosR,
TosF
Clock in (OSC1)
Rise or Fall Time
—
—
15
ns
Note 1: Data in the Typical (“Typ”) column is at 5V, +25
°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
2: All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
3: A duty cycle of no more than 60/40 (High Time / Low Time or Low Time / High Time) is recommended for
external clock inputs.
OSC1
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com