Electronic Components Datasheet Search
  English  ▼

X  

TC2054 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC2054
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2054 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC2054_06 Datasheet HTML 3Page - Microchip Technology TC2054_06 Datasheet HTML 4Page - Microchip Technology TC2054_06 Datasheet HTML 5Page - Microchip Technology TC2054_06 Datasheet HTML 6Page - Microchip Technology TC2054_06 Datasheet HTML 7Page - Microchip Technology TC2054_06 Datasheet HTML 8Page - Microchip Technology TC2054_06 Datasheet HTML 9Page - Microchip Technology TC2054_06 Datasheet HTML 10Page - Microchip Technology TC2054_06 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21663C-page 7
TC2054/2055/2186
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-19:
VOUT to ERROR Delay.
VIN
1V/Div
1V/Div
2V/Div
VOUT
VERROR
0V
2.8V
3.42V
3.0V
2.8V
RPULLUP = 100k
Ω
IOUT = 0.3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18