Electronic Components Datasheet Search
  English  ▼

X  

TC2055 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC2055
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2055 Datasheet(HTML) 4 Page - Microchip Technology

  TC2055 Datasheet HTML 1Page - Microchip Technology TC2055 Datasheet HTML 2Page - Microchip Technology TC2055 Datasheet HTML 3Page - Microchip Technology TC2055 Datasheet HTML 4Page - Microchip Technology TC2055 Datasheet HTML 5Page - Microchip Technology TC2055 Datasheet HTML 6Page - Microchip Technology TC2055 Datasheet HTML 7Page - Microchip Technology TC2055 Datasheet HTML 8Page - Microchip Technology TC2055 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC2054/2055/2186
DS21663C-page 4
© 2006 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-1:
Power Supply Rejection
Ratio.
FIGURE 2-2:
Power Supply Rejection
Ratio.
FIGURE 2-3:
Output Noise vs. Frequency.
FIGURE 2-4:
Power Supply Rejection
Ratio.
FIGURE 2-5:
Power Supply Rejection
Ratio.
FIGURE 2-6:
Dropout Voltage vs. ILOAD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000
1,000,000
f (Hz)
VINDC = 4V
VINAC = 100mVp-p
VOUTDC = 3V
IOUT = 100µA
COUT = 1 µF Ceramic
10
100
1000
10k
100k
1M
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000
1,000,000
f (Hz)
10
100
1000
10k
1M
100k
VINDC = 4V
VINAC = 100 mVp-p
VOUTDC = 3V
IOUT = 150 mA
COUT = 1 µF Ceramic
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (kHz)
COUT = 1µF
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000 1,000,000
f (Hz)
VINDC = 4V
VINAC = 100 mVp-p
VOUTDC = 3V
IOUT = 150 mA
COUT = 10 µF Ceramic
10
100
1000
10k
100k
1M
-100
-80
-60
-40
-20
0
10
100
1,000
10,000
100,000
1,000,000
f (Hz)
10
100
1000
10k
100k
1M
VINDC = 4V
VINAC = 100 mVp-p
VOUTDC = 3V
IOUT = 150 mA
COUT = 10 µF Tantalum
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.160
0
50
100
150
T = 130°C
T = -45°C
T = 25°C
ILOAD (mA)
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com