Electronic Components Datasheet Search
  English  ▼

X  

AD9854ASTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9854ASTZ
Description  CMOS 300 MSPS Quadrature Complete DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASTZ Datasheet(HTML) 4 Page - Analog Devices

  AD9854ASTZ Datasheet HTML 1Page - Analog Devices AD9854ASTZ Datasheet HTML 2Page - Analog Devices AD9854ASTZ Datasheet HTML 3Page - Analog Devices AD9854ASTZ Datasheet HTML 4Page - Analog Devices AD9854ASTZ Datasheet HTML 5Page - Analog Devices AD9854ASTZ Datasheet HTML 6Page - Analog Devices AD9854ASTZ Datasheet HTML 7Page - Analog Devices AD9854ASTZ Datasheet HTML 8Page - Analog Devices AD9854ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
AD9854
Data Sheet
Rev. F | Page 4 of 42
GENERAL DESCRIPTION
The AD9854 digital synthesizer is a highly integrated device
that uses advanced DDS technology, coupled with two internal
high speed, high performance quadrature DACs to form a digitally
programmable I and Q synthesizer function. When referenced
to an accurate clock source, the AD9854 generates highly stable,
frequency-phase, amplitude-programmable sine and cosine
outputs that can be used as an agile LO in communications, radar,
and many other applications. The innovative high speed DDS core
of the AD9854 provides 48-bit frequency resolution (1 μHz tuning
resolution with 300 MHz SYSCLK). Retaining 16 bits for phase-
to-amplitude conversion ensures excellent spurious-free
dynamic range (SFDR).
The circuit architecture of the AD9854 allows the generation of
simultaneous quadrature output signals at frequencies up to
150 MHz, which can be digitally tuned at a rate of up to
100 million new frequencies per second. The sine wave output
(externally filtered) can be converted to a square wave by the
internal comparator for agile clock generator applications.
The device provides two 14-bit phase registers and a single pin
for BPSK operation.
For higher-order PSK operation, the I/O interface can be used
for phase changes. The 12-bit I and Q DACs, coupled with the
innovative DDS architecture, provide excellent wideband and
narrow-band output SFDR. The Q DAC can also be configured
as a user-programmable control DAC if the quadrature function
is not desired. When configured with the comparator, the 12-bit
control DAC facilitates static duty cycle control in high speed
clock generator applications.
Two 12-bit digital multipliers permit programmable amplitude
modulation, on/off output shaped keying, and precise amplitude
control of the quadrature output. Chirp functionality is also
included to facilitate wide bandwidth frequency sweeping
applications. The programmable 4× to 20× REFCLK multiplier
circuit of the AD9854 internally generates the 300 MHz system
clock from an external lower frequency reference clock. This
saves the user the expense and difficulty of implementing a
300 MHz system clock source.
Direct 300 MHz clocking is also accommodated with either single-
ended or differential inputs. Single-pin conventional FSK and
the enhanced spectral qualities of ramped FSK are supported.
The AD9854 uses advanced 0.35 µm CMOS technology to
provide a high level of functionality on a single 3.3 V supply.
The AD9854 is pin-for-pin compatible with the AD9852 single-
tone synthesizer. It is specified to operate over the extended
industrial temperature range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com