Electronic Components Datasheet Search
  English  ▼

X  

AD9914 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9914 Datasheet HTML 13Page - Analog Devices AD9914 Datasheet HTML 14Page - Analog Devices AD9914 Datasheet HTML 15Page - Analog Devices AD9914 Datasheet HTML 16Page - Analog Devices AD9914 Datasheet HTML 17Page - Analog Devices AD9914 Datasheet HTML 18Page - Analog Devices AD9914 Datasheet HTML 19Page - Analog Devices AD9914 Datasheet HTML 20Page - Analog Devices AD9914 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Data Sheet
AD9914
THEORY OF OPERATION
analog.com
Rev. G | 17 of 48
The AD9914 has five modes of operation.
►
Single tone
►
Profile modulation
►
Digital ramp modulation (linear sweep)
►
Parallel data port modulation
►
Programmable modulus mode
The modes define the data source that supplies the DDS with
the signal control parameters: frequency, phase, or amplitude. The
partitioning of the data into different combinations of frequency,
phase, and amplitude is established based on the mode and/or
specific control bits and function pins.
Although the various modes are described independently, they can
be enabled simultaneously. This provides an unprecedented level
of flexibility for generating complex modulation schemes. However,
to avoid multiple data sources from driving the same DDS signal
control parameter, the device has a built-in priority protocol.
In single tone mode, the DDS signal control parameters come
directly from the profile programming registers. In digital ramp mod-
ulation mode, the DDS signal control parameters are delivered by
a digital ramp generator. In parallel data port modulation mode, the
DDS signal control parameters are driven directly into the parallel
port.
The various modulation modes generally operate on only one of
the DDS signal control parameters (two in the case of the polar
modulation format via the parallel data port). The unmodulated DDS
signal control parameters are stored in programming registers and
automatically routed to the DDS based on the selected mode.
A separate output shift keying (OSK) function is also available. This
function affects only the amplitude parameter of the DDS. The OSK
function has priority over the other data sources that can drive the
DDS amplitude parameter. As such, no other data source can drive
the DDS amplitude when the OSK function is enabled.
SINGLE TONE MODE
In single tone mode, the DDS signal control parameters are sup-
plied directly from the profile programming registers. A profile is an
independent register that contains the DDS signal control parame-
ters. Eight profile registers are available. Note that the profile pins
must select the desired register.
PROFILE MODULATION MODE
Each profile is independently accessible. For FSK, PSK, or ASK
modulation, use the three external profile pins (PS[2:0]) to select
the desired profile. A change in the state of the profile pins with
the next rising edge on SYNC_CLK updates the DDS with the
parameters specified by the selected profile. Therefore, the profile
change must meet the setup and hold times to the SYNC_CLK
rising edge. Note that amplitude control must also be enabled via
the OSK enable bit in the CFR1 register (0x00[8]).
DIGITAL RAMP MODULATION MODE
In digital ramp modulation mode, the DRG directly modulates one
of the DDS signal control parameters (frequency, phase, or ampli-
tude) via a dedicated 32-bit sweep accumulator (the sweep accu-
mulator is completely independent of the 32-bit phase accumulator
in the DDS core). The user controls the characteristics of a ramp
(for example, sweep range, step size, and step rate) by program-
ming the appropriate registers via the serial or parallel input/output
port. The registers provide the user with the ability to control the
rising and falling characteristics of a ramp independently.
The ramp is digitally generated via the 32-bit sweep accumulator
within the DRG. The user can program the digital ramp generator
(DRG) to direct the 32-bit output of the sweep accumulator to
affect the frequency, phase, or amplitude parameter of the DDS.
When programmed for a frequency sweep, all 32 bits of the sweep
accumulator are delivered to the DDS for frequency control. When
programmed for a phase sweep, the 16 LSBs of the sweep accu-
mulator are delivered to the DDS for phase control. Therefore, for
a phase sweep, the 16 MSBs of the 32-bit registers normally used
for frequency sweeping must be programmed with zeros. When
programmed for an amplitude sweep, the 12 LSBs of the sweep
accumulator are delivered to the DDS for amplitude control. There-
fore, for an amplitude sweep, the 20 MSBs of the 32-bit registers
normally used for frequency sweeping must be programmed with
zeros.
The ramp direction (rising or falling) is externally controlled by
the DRCTL pin. The user can also suspend the operation of the
ramp generator by asserting the DRHOLD pin. Note that the DRG
requires the amplitude control of the DDS to be enabled via the
OSK enable bit in Register CFR1.
PARALLEL DATA PORT MODULATION MODE
In parallel data port modulation mode, the modulated DDS signal
control parameter(s) are supplied directly from the 32-bit parallel
data port. The function pins define how the 32-bit data-word is
applied to the DDS signal control parameters. Formatting of the
32-bit data-word is unsigned binary, regardless of the destination.
Parallel Data Clock (SYNC_CLK)
The AD9914 has an internal clock signal (SYNC_CLK) that runs at
1/24 of the DAC sample rate. SYNC_CLK is the primary internal
timing signal of the AD9914. For example, the PS[2:0] pins, DRCTL
pin, and DRHOLD pin are all gated internally by SYNC_CLK.
In parallel data port modulation mode (CFR2[22] = 1), the AD9914
uses the rising edge of SYNC_CLK to capture the logic level
applied to the D[31:0] pins and the F[3:0] pins. Thus, the parallel
data port essentially operates at the SYNC_CLK rate in parallel
data port modulation mode.
Because the AD9914 uses the internal SYNC_CLK signal to cap-
ture the state of the D[31:0] and F[3:0] pins in parallel data port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com